Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3544CPWR
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC3544CPWR Datasheet HTML 30Page - Texas Instruments TLC3544CPWR Datasheet HTML 31Page - Texas Instruments TLC3544CPWR Datasheet HTML 32Page - Texas Instruments TLC3544CPWR Datasheet HTML 33Page - Texas Instruments TLC3544CPWR Datasheet HTML 34Page - Texas Instruments TLC3544CPWR Datasheet HTML 35Page - Texas Instruments TLC3544CPWR Datasheet HTML 36Page - Texas Instruments TLC3544CPWR Datasheet HTML 37Page - Texas Instruments TLC3544CPWR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
interface with host
Figure 34 shows examples of the interface between a single converter and a host DSP (TMS320C54x
 DSP)
or microprocessor. The C54x is set as FWID = 1 (active pulse width = 1CLK), (R/X) DATDLY = 1 (1 bit data delay),
CLK(X/R)P = 0 (transmit data are clocked out at rising edge of CLK, receive data are sampled on falling edge
of CLK), and FS(X/R)P = 1 (FS is active high). If multiple converters connect to the same C54x, use CS as the
chip select.
The host microprocessor is set as the SPI master with CPOL = 0 (active high clock), and CPHA = 1 (transmit
data is clock out at rising edge of CLK, receive data are sampled at falling edge of CLK). 16 bits (or more) per
transfer is required.
FSR
FSX
DX
DR
CLKR
CLKX
IRQ
TMS320C54X
Converter
10 k
Ω
VDD
CS
FS
SDI
SDO
SCLK
INT/EOC
Ain
Single Converter Connects to DSP
SS
MOSI
MISO
SCK
IRQ
Host
Microprocessor
Converter
10 k
Ω
VDD
CS
FS
SDI
SDO
SCLK
INT/EOC
Ain
Converter Connects to Microprocessor
10 k
Ω
Figure 34. Typical Interface to Host DSP and Microprocessor
sampling time analysis
Figure 35 shows the equivalent analog input circuit of the converter. During the sampling, the input capacitor,
Ci, has to be charged to VC, (VC = Vs ± voltage of 1/4 LSB = Vs ± [Vs/65532] for 14 bit converter).
t(s) = Rt × Ci × In (65532) where Rt = Rs+ri, t(s) = Sampling time
VI = Input Voltage at AIN
VS = External Driving Source Voltage
RS = Source Resistance
ri = Equivalent Resistor of Mux., 1.5 kΩ
CI = Input Capacitance, 30 pF Max.
VC = Capacitance Charging Voltage
ri
Data Converter
Driving Source
VI
VC
RS
VS
CI
Figure 35. Equivalent Input Circuit Including the Driving Source
TMS320C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com