Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3544CPWR
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC3544CPWR Datasheet HTML 6Page - Texas Instruments TLC3544CPWR Datasheet HTML 7Page - Texas Instruments TLC3544CPWR Datasheet HTML 8Page - Texas Instruments TLC3544CPWR Datasheet HTML 9Page - Texas Instruments TLC3544CPWR Datasheet HTML 10Page - Texas Instruments TLC3544CPWR Datasheet HTML 11Page - Texas Instruments TLC3544CPWR Datasheet HTML 12Page - Texas Instruments TLC3544CPWR Datasheet HTML 13Page - Texas Instruments TLC3544CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
90%
10%
ID15
OD1
OD0
ID1
Hi-Z
50%
1
16
OD15
Don’t Care
ID0
OR
VIH
VIL
tw(1)
tc(1)
tsu(1)
th(1)
th(2)
td(1)
td(2)
tr(1)
tf(1)
td(3)
Hi-Z
Don’t Care
tf(1)
tr(1)
CS
SCLK
SDI
SDO
EOC
INT
See Note A
See Note B
NOTES: A. For normal long sampling, td(2) is the delay time of EOC low after the falling edge of 48th SCLK.
B. For normal long sampling, td(3) is the delay time of INT low after the falling edge of 48th SCLK.
– – – – The dotted line means signal may or may not exist, depending on application. It must be ignored.
Normal sampling mode, CS initiates the conversion, FS must be tied to high. When CS is high, SDO is in Hi-Z; all inputs (FS, SCLK,
SDI) are inactive and are ignored.
Figure 1. Critical Timing for SCLK, SDI, SDO, EOC and INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com