Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3544CPWR
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC3544CPWR Datasheet HTML 19Page - Texas Instruments TLC3544CPWR Datasheet HTML 20Page - Texas Instruments TLC3544CPWR Datasheet HTML 21Page - Texas Instruments TLC3544CPWR Datasheet HTML 22Page - Texas Instruments TLC3544CPWR Datasheet HTML 23Page - Texas Instruments TLC3544CPWR Datasheet HTML 24Page - Texas Instruments TLC3544CPWR Datasheet HTML 25Page - Texas Instruments TLC3544CPWR Datasheet HTML 26Page - Texas Instruments TLC3544CPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operation cycle timing (continued)
Table 3. Operation Options
MODE
CONVERSION IS INITIATED BY
MODE
CS
FS
CSTART
00
1. Issue new Select/Read operation to
read data and start new conversion.
2. Reconfigure the device.
1. Issue new Select/Read operation to
read data and start new conversion.
2. Reconfigure the device.
1. Issue new CSTART to start next
conversion; old data lost.
2. Issue new Select/Read operation to
read data—Issue new CSTART to
start new conversion.
3. Reconfigure the device.
01
1. Read FIFO—Select Channel—Start
new conversion. Channel must be
selected after FIFO READ.
2. Select Channel—Start new
conversion (old data lost)
3. Configure device again.
1. Read FIFO—Select Channel—Start
new conversion. Channel must be
selected after FIFO READ.
2. Select Channel—Start new
conversion (old data lost)
3. Configure device again.
1. Read FIFO—Select channel—Start
new conversion. Channel must be
selected after FIFO READ.
2. Start new conversion (old data lost)
with existing setting.
3. Configure device again.
10
1. Read FIFO—Start new conversion
with existing setting.
2. Configure device—New conversion
(old data lost)
1. Read FIFO—Start new conversion
with existing setting.
2. Configure device—New conversion
(old data lost)
1. Read FIFO—Arm Period—Start new
conversion with existing setting
2. Configure device—Arm Period—New
conversion (old data lost)
11
1. Read FIFO—Start new conversion
with existing setting.
2. Start new conversion with the existing
setting.
3. Configure device—Start new
conversion with new setting.
1. Read FIFO—Start new conversion
with existing setting
2. Start new conversion with the existing
setting.
3. Configure Device—Start new
conversion with new setting.
1. Read FIFO—Arm Period—Start new
Conversion with existing setting
2. Start new conversion with existing
setting. (old data lost)
3. Configure device—Arm Period—New
conversion with new setting.
operation timing diagrams
The FIFO read and write CFR are nonconversion operations. The conversion operation performs one of four
types of conversion: mode 00, 01, 10, and 11
Write Cycle (WRITE CFR Command): Write cycle does not generate EOC or INT, nor does it carry out any
conversion.
1
2
3
5
4
6
7
13
14
15
16
1
ID15
1D14
ID13 1D12
12
ID15
ID11
ID10
ID9
ID4
ID3
ID2
ID1
ID0
OR
CS
FS
SDI
INT
EOC
SDO
Hi-Z
Note:
Signal May Not Exist.
Don’t Care
Figure 9. Write Cycle, FS Initiates Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com