Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3544CPWR
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC3544CPWR Datasheet HTML 9Page - Texas Instruments TLC3544CPWR Datasheet HTML 10Page - Texas Instruments TLC3544CPWR Datasheet HTML 11Page - Texas Instruments TLC3544CPWR Datasheet HTML 12Page - Texas Instruments TLC3544CPWR Datasheet HTML 13Page - Texas Instruments TLC3544CPWR Datasheet HTML 14Page - Texas Instruments TLC3544CPWR Datasheet HTML 15Page - Texas Instruments TLC3544CPWR Datasheet HTML 16Page - Texas Instruments TLC3544CPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, AVDD = 5 V,
DVDD = 5 V, VREFP = 5 V, VREFM = 0 V, SCLK frequency = 25 MHz (unless otherwise noted) (continued)
CSTART trigger
PARAMETERS
MIN
TYP
MAX
UNIT
td(12)
Delay time, delay from CSTART rising edge to EOC falling
edge, at 10-pF load
0
15
21
ns
tw(4)
Pulse width CSTART low time: tW(L)(CSTART), at 25-pF load
t(sample – ref)+0.4
Note 7
µs
td(13)
Delay time, delay from CSTART rising edge to CSTART falling
edge, at 25-pF load
t(conv) +15
Notes 7 and 8
ns
td(14)
Delay time, delay from CSTART rising edge to INT falling edge,
at 10-pF load
t(conv) +15
Notes 7 and 8
t(conv)+21
ns
td(15)
Delay time, delay from CSTART falling edge to INT rising edge,
at 10-pF load
0
6
µs
NOTES:
7. The pulse width of CSTART must be not less than the required sampling time. The delay from CSTART rising edge to following
CSTART falling edge must not be less than the required conversion time. The delay from CSTART rising edge to the INT falling edge
is equal to the conversion time.
8. The maximum rate of SCLK is 25 MHz for normal long sampling and 10 MHz for normal short sampling.
t(conv)
OR
tw(4)
td(13)
td(12)
td(14)
td(15)
CSTART
EOC
INT
Extended Sampling
Figure 4. Critical Timing for Extended Sampling (CSTART Trigger)
detailed description
converter
The converters are a successive-approximation ADC utilizing a charge redistribution DAC. Figure 5 shows a
simplified block diagram of the ADC. The sampling capacitor acquires the signal on Ain during the sampling
period. When the conversion process starts, the control logic directs the charge redistribution DAC to add and
subtract fixed amounts of charge from the sampling capacitor to bring the comparator into a balanced condition.
When balanced, the conversion is complete and the ADC output code is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com