Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3544CPWR
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWR Datasheet(HTML) 3 Page - Texas Instruments

  TLC3544CPWR Datasheet HTML 1Page - Texas Instruments TLC3544CPWR Datasheet HTML 2Page - Texas Instruments TLC3544CPWR Datasheet HTML 3Page - Texas Instruments TLC3544CPWR Datasheet HTML 4Page - Texas Instruments TLC3544CPWR Datasheet HTML 5Page - Texas Instruments TLC3544CPWR Datasheet HTML 6Page - Texas Instruments TLC3544CPWR Datasheet HTML 7Page - Texas Instruments TLC3544CPWR Datasheet HTML 8Page - Texas Instruments TLC3544CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
equivalent input circuit
1.1 k
Ω
Max
Ron
MUX
C(sample) = 30 pF Max
VDD
REFM
Ain
Diode Turn on Voltage: 35 V
Equivalent Analog Input Circuit
Equivalent Digital Input Circuit
Digital Input
VDD
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
TLC3544
TLC3548
I/O
DESCRIPTION
A0
A1
A2
A3
A0
A1
A2
A3
A4
A5
A6
A7
9
10
11
12
9
10
11
12
13
14
15
16
I
Analog signal inputs. Analog input signals applied to these terminals are internally multiplexed. The
driving source impedance should be less than or equal to 1 k
Ω for normal sampling. For larger
source impedance, use the external hardware conversion start signal CSTART (the low time of
CSTART controls the sampling period) or reduce the frequency of SCLK to increase the sampling
time.
AGND
14, 18
18, 22
I
Analog ground return for the internal circuitry. Unless otherwise noted, all analog voltage
measurements are with respect to AGND.
AVDD
13, 19
17, 23
I
Analog supply voltage
BGAP
17
21
I
Internal bandgap compensation pin. Install compensation capacitors between BGAP and AGND.
0.1
µF for external reference; 10 µF in parallel with 0.1 µF for internal reference.
CS
8
8
I
Chip select. When CS is high, SDO is in high-impedance state, SDI is ignored, and SCLK is
disabled to clock data but works as conversion clock source if programmed. The falling edge of CS
input resets the internal 4-bit counter, enables SDI and SCLK, and removes SDO from
high-impedance state.
If FS is high at CS falling edge, CS falling edge initiates the operation cycle. CS works as slave
select (SS) to provide an SPI interface.
If FS is low at CS falling edge, FS rising edge initiates the operation cycle. CS can be used as chip
select to allow the host to access the individual converter.
CSTART
20
24
I
External sampling trigger signal, which initiates the sampling from a selected analog input channel
when the device works in extended sampling mode (asynchronous sampling). A high-to-low
transition starts the sampling of the analog input signal. A low-to-high transition puts the S/H in hold
mode and starts the conversion. The low time of the CSTART signal controls the sampling period.
CSTART signal must be long enough for proper sampling. CSTART must stay high long enough
after the low-to-high transition for the conversion to finish maturely. The activation of CSTART is
independent of SCLK and the level of CS and FS. However, the first CSTART cannot be issued
before the rising edge of the 11th SCLK. Tie this terminal to DVDD if not used.
DGND
6
6
I
Digital ground return for the internal circuitry
DVDD
7
7
I
Digital supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com