Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3544CPWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3544CPWR
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC3544CPWR Datasheet HTML 11Page - Texas Instruments TLC3544CPWR Datasheet HTML 12Page - Texas Instruments TLC3544CPWR Datasheet HTML 13Page - Texas Instruments TLC3544CPWR Datasheet HTML 14Page - Texas Instruments TLC3544CPWR Datasheet HTML 15Page - Texas Instruments TLC3544CPWR Datasheet HTML 16Page - Texas Instruments TLC3544CPWR Datasheet HTML 17Page - Texas Instruments TLC3544CPWR Datasheet HTML 18Page - Texas Instruments TLC3544CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
analog input mode (continued)
Analog
MUX
SAR
ADC
X8†
A0
A1
A2
A3
A4
A5
A6
A7
X4‡
A0
A1
A2
A3
X
X
X
X
X8†
A0(+) Pair A
A1(–)
A2(+) Pair B
A3(–)
A4(+) Pair C
A5(–)
A6(+) Pair D
A7(–)
X4‡
A0(+) Pair A
A1(–)
A2(+) Pair B
A3(–)
Analog
MUX
SAR
ADC
Single Ended
Pseudodifferential
† TLC3548
‡ TLC3544
Figure 7. Pin Assignment of Single-Ended Input vs Pseudodifferential Input
reference voltage
There is a built-in 4-V reference. If the internal reference is used, REFP is internally set to 4-V and REFM is set
to 0-V. The external reference can be applied to the reference-input pins (REFP and REFM) if programmed (see
Table 2). The REFM pin should connect to analog ground. REFP can be 3-V to 5-V. Install decoupling capacitors
(10
µF in parallel with 0.1 µF) between REFP and REFM. Install compensation capacitors (10 µF in parallel with
0.1
µF for internal reference, 0.1 µF only for external reference) between BGAP and AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com