Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF2129
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF2129 Datasheet HTML 32Page - NXP Semiconductors PCF2129 Datasheet HTML 33Page - NXP Semiconductors PCF2129 Datasheet HTML 34Page - NXP Semiconductors PCF2129 Datasheet HTML 35Page - NXP Semiconductors PCF2129 Datasheet HTML 36Page - NXP Semiconductors PCF2129 Datasheet HTML 37Page - NXP Semiconductors PCF2129 Datasheet HTML 38Page - NXP Semiconductors PCF2129 Datasheet HTML 39Page - NXP Semiconductors PCF2129 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
36 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
8.10.1 Register Watchdg_tim_ctl
8.10.2 Register Watchdg_tim_val
Table 48.
Watchdg_tim_ctl - watchdog timer control register (address 10h) bit allocation
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as T must always be written with logic 0.
Bit
7
6
5
4
3
2
1
0
Symbol
WD_CD
T
TI_TP
-
-
-
TF[1:0]
Reset
value
0
0
0
---
1
1
Table 49.
Watchdg_tim_ctl - watchdog timer control register (address 10h) bit description
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as T must always be written with logic 0.
Bit
Symbol
Value
Description
7
WD_CD
0
watchdog timer disabled
1
watchdog timer enabled;
the interrupt pin INT is activated when timed out
6
T
0
unused
5
TI_TP
0
the interrupt pin INT is configured to generate a
permanent active signal when MSF is set
1
the interrupt pin INT is configured to generate a
pulsed signal when MSF flag is set (see Figure 21)
4 to 2
-
-
unused
1 to 0
TF[1:0]
timer source clock for watchdog timer
00
4.096 kHz
01
64 Hz
10
1 Hz
11
1⁄60 Hz
Table 50.
Watchdg_tim_val - watchdog timer value register (address 11h) bit allocation
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
WATCHDG_TIM_VAL[7:0]
Reset
value
XXX
XXX
XX
Table 51.
Watchdg_tim_val - watchdog timer value register (address 11h) bit description
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
Symbol
Value
Description
7to0
WATCHDG_TIM_
VAL[7:0]
00 to FF
timer period in seconds:
where n is the timer value
TimerPeriod
n
SourceClockFrequency
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com