Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # PCF2129
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PCF2129 Datasheet HTML 44Page - NXP Semiconductors PCF2129 Datasheet HTML 45Page - NXP Semiconductors PCF2129 Datasheet HTML 46Page - NXP Semiconductors PCF2129 Datasheet HTML 47Page - NXP Semiconductors PCF2129 Datasheet HTML 48Page - NXP Semiconductors PCF2129 Datasheet HTML 49Page - NXP Semiconductors PCF2129 Datasheet HTML 50Page - NXP Semiconductors PCF2129 Datasheet HTML 51Page - NXP Semiconductors PCF2129 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
48 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
8.12.5 Timestamp interrupts
Interrupt generation from the timestamp function is controlled using the TSIE bit (register
Control_2). If TSIE is enabled, the INT pin follows the status of the flags TSFx. Clearing
the flags TSFx immediately clears INT. No pulse generation is possible for timestamp
interrupts.
8.12.6 Battery switch-over interrupts
Generation of interrupts from the battery switch-over is controlled by the BIE bit (register
Control_3). If BIE is enabled, the INT pin follows the status of bit BF in register Control_3
(see Table 71). Clearing BF immediately clears INT. No pulse generation is possible for
battery switch-over interrupts.
8.12.7 Battery low detection interrupts
Generation of interrupts from the battery low detection is controlled by the BLIE bit
(register Control_3). If BLIE is enabled, the INT pin follows the status of bit BLF (register
Control_3). The interrupt is cleared when the battery is replaced (BLF is logic 0) or when
bit BLIE is disabled (BLIE is logic 0). BLF is read only and therefore cannot be cleared by
command.
8.13 External clock test mode
A test mode is available which allows on-board testing. In this mode, it is possible to set
up test conditions and control the operation of the RTC.
The test mode is entered by setting bit EXT_TEST logic 1 (register Control_1). Then
pin CLKOUT becomes an input. The test mode replaces the internal clock signal (64 Hz)
with the signal applied to pin CLKOUT. Every 64 positive edges applied to pin CLKOUT
generate an increment of one second.
Example where only the minute alarm is used and no other interrupts are enabled.
Fig 25. AF timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com