Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2129
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2129 Datasheet HTML 1Page - NXP Semiconductors PCF2129 Datasheet HTML 2Page - NXP Semiconductors PCF2129 Datasheet HTML 3Page - NXP Semiconductors PCF2129 Datasheet HTML 4Page - NXP Semiconductors PCF2129 Datasheet HTML 5Page - NXP Semiconductors PCF2129 Datasheet HTML 6Page - NXP Semiconductors PCF2129 Datasheet HTML 7Page - NXP Semiconductors PCF2129 Datasheet HTML 8Page - NXP Semiconductors PCF2129 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
1.
General description
The PCF2129 is a CMOS1 Real Time Clock (RTC) and calendar with an integrated
Temperature Compensated Crystal (Xtal) Oscillator (TCXO) and a 32.768 kHz quartz
crystal optimized for very high accuracy and very low power consumption. The PCF2129
has a selectable I2C-bus or SPI-bus, a backup battery switch-over circuit, a
programmable watchdog function, a timestamp function, and many other features.
For a selection of NXP Real-Time Clocks, see Table 83 on page 75
2.
Features and benefits
Operating temperature range from
40 C to +85 C
Temperature Compensated Crystal Oscillator (TCXO) with integrated capacitors
Typical accuracy:
PCF2129AT:
3 ppm from 15 C to +60 C
PCF2129T:
3 ppm from 30 C to +80 C
Integration of a 32.768 kHz quartz crystal and oscillator in the same package
Provides year, month, day, weekday, hours, minutes, seconds, and leap year
correction
Timestamp function
with interrupt capability
detection of two different events on one multilevel input pin (for example, for tamper
detection)
Two line bidirectional 400 kHz Fast-mode I2C-bus interface
3 line SPI-bus with separate data input and output (maximum speed 6.5 Mbit/s)
Battery backup input pin and switch-over circuitry
Battery backed output voltage
Battery low detection function
Power-On Reset Override (PORO)
Oscillator stop detection function
Interrupt output (open-drain)
Programmable 1 second or 1 minute interrupt
Programmable watchdog timer with interrupt
Programmable alarm function with interrupt capability
Programmable square output
PCF2129
Accurate RTC with integrated quartz crystal for industrial
applications
Rev. 7 — 19 December 2014
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 20.


Similar Part No. - PCF2129

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2129 NXP-PCF2129 Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF2129 NXP-PCF2129 Datasheet
677Kb / 59P
Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF2129 NXP-PCF2129 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
PCF2129(A) NXP-PCF2129(A) Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
More results

Similar Description - PCF2129

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
PCF2127A NXP-PCF2127A Datasheet
535Kb / 80P
Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
logo
NXP Semiconductors
PCF2129T NXP-PCF2129T Datasheet
999Kb / 73P
Accurate RTC with integrated quartz crystal for industrial
Rev. 3-12 February 2013
PCF2127 PHILIPS-PCF2127 Datasheet
1Mb / 100P
Accurate RTC with integrated quartz crystal for industrial applications
Rev. 8-19 December 2014
PCA2131 NXP-PCA2131 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
PCF2131 NXP-PCF2131 Datasheet
1,022Kb / 86P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 1.0-28 May 2021
PCF2131 NXP-PCF2131_V01 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 1.1 - 15 October 2021
PCA2131 NXP-PCA2131_V01 Datasheet
866Kb / 85P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 2.0 - 5 October 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com