Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF2129
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF2129 Datasheet HTML 10Page - NXP Semiconductors PCF2129 Datasheet HTML 11Page - NXP Semiconductors PCF2129 Datasheet HTML 12Page - NXP Semiconductors PCF2129 Datasheet HTML 13Page - NXP Semiconductors PCF2129 Datasheet HTML 14Page - NXP Semiconductors PCF2129 Datasheet HTML 15Page - NXP Semiconductors PCF2129 Datasheet HTML 16Page - NXP Semiconductors PCF2129 Datasheet HTML 17Page - NXP Semiconductors PCF2129 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
14 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
[1]
Duty cycle definition: % HIGH-level time : % LOW-level time.
[2]
Default value.
[3]
The specified accuracy of the RTC can be only achieved with CLKOUT frequencies not equal to
32.768 kHz or if CLKOUT is disabled.
The duty cycle of the selected clock is not controlled, however, due to the nature of the
clock generation all but the 32.768 kHz frequencies are 50 : 50.
8.4 Register Aging_offset
8.4.1 Crystal aging correction
The PCF2129 has an offset register Aging_offset to correct the crystal aging effects2.
The accuracy of the frequency of a quartz crystal depends on its aging. The aging offset
adds an adjustment, positive or negative, in the temperature compensation circuit which
allows correcting the aging effect.
At 25
C, the aging offset bits allow a frequency correction of typically 1 ppm per AO[3:0]
value, from
7 ppm to +8 ppm.
Table 15.
CLKOUT frequency selection
COF[2:0]
CLKOUT frequency (Hz)
Typical duty cycle[1]
000
[2][3] 32768
60 : 40 to 40 : 60
001
16384
50 : 50
010
8192
50 : 50
011
4096
50 : 50
100
2048
50 : 50
101
1024
50 : 50
110
1
50 : 50
111
CLKOUT = high-Z
-
Table 16.
Aging_offset - crystal aging offset register (address 19h) bit allocation
Bit positions labeled as - are not implemented and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
-
-
AO[3:0]
Reset
value
-
-
-
-
1000
Table 17.
Aging_offset - crystal aging offset register (address 19h) bit description
Bit positions labeled as - are not implemented and return 0 when read.
Bit
Symbol
Value
Description
7 to 4
-
-
unused
3 to 0
AO[3:0]
see Table 18
aging offset value
2.
For further information, refer to the application note Ref. 3 “AN11186”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com