Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # PCF2129
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button PCF2129 Datasheet HTML 62Page - NXP Semiconductors PCF2129 Datasheet HTML 63Page - NXP Semiconductors PCF2129 Datasheet HTML 64Page - NXP Semiconductors PCF2129 Datasheet HTML 65Page - NXP Semiconductors PCF2129 Datasheet HTML 66Page - NXP Semiconductors PCF2129 Datasheet HTML 67Page - NXP Semiconductors PCF2129 Datasheet HTML 68Page - NXP Semiconductors PCF2129 Datasheet HTML 69Page - NXP Semiconductors PCF2129 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
66 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
14. Dynamic characteristics
14.1 SPI-bus timing characteristics
[1]
No load value; bus is held up by bus capacitance; use RC time constant with application values.
Table 81.
SPI-bus characteristics
VDD = 1.8 V to 4.2 V; VSS =0V; Tamb = 40 C to +85 C, unless otherwise specified. All timing values are valid within the
operating supply voltage at ambient temperature and referenced to VIL and VIH with an input voltage swing of VSS to VDD (see
Figure 46).
Symbol
Parameter
Conditions
VDD =1.8 V
VDD =4.2 V
Unit
Min
Max
Min
Max
Pin SCL
fclk(SCL)
SCL clock frequency
-
2.0
-
6.5
MHz
tSCL
SCL time
800
-
140
-
ns
tclk(H)
clock HIGH time
100
-
70
-
ns
tclk(L)
clock LOW time
400
-
70
-
ns
tr
rise time
for SCL signal
-
100
-
100
ns
tf
fall time
for SCL signal
-
100
-
100
ns
Pin SDA/CE
tsu(CE_N)
CE_N set-up time
60
-
30
-
ns
th(CE_N)
CE_N hold time
40
-
25
-
ns
trec(CE_N)
CE_N recovery time
100
-
30
-
ns
tw(CE_N)
CE_N pulse width
-
0.99
-
0.99
s
Pin SDI
tsu
set-up time
set-up time for SDI data
70
-
20
-
ns
th
hold time
hold time for SDI data
70
-
20
-
ns
Pin SDO
td(R)SDO
SDO read delay time
CL = 50 pF
-
225
-
55
ns
tdis(SDO)
SDO disable time
[1] -90
-25
ns
tt(SDI-SDO)
transition time from
SDI to SDO
to avoid bus conflict
0
-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com