Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # PCF2129
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button PCF2129 Datasheet HTML 78Page - NXP Semiconductors PCF2129 Datasheet HTML 79Page - NXP Semiconductors PCF2129 Datasheet HTML 80Page - NXP Semiconductors PCF2129 Datasheet HTML 81Page - NXP Semiconductors PCF2129 Datasheet HTML 82Page - NXP Semiconductors PCF2129 Datasheet HTML 83Page - NXP Semiconductors PCF2129 Datasheet HTML 84Page - NXP Semiconductors PCF2129 Datasheet HTML 85Page - NXP Semiconductors PCF2129 Datasheet HTML 86Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
82 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
25. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 3.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 4.
Pin description of PCF2129 . . . . . . . . . . . . . . . .5
Table 5.
Register overview . . . . . . . . . . . . . . . . . . . . . . .8
Table 6.
Control_1 - control and status register 1
(address 00h) bit allocation . . . . . . . . . . . . . . .10
Table 7.
Control_1 - control and status register 1
(address 00h) bit description . . . . . . . . . . . . . .10
Table 8.
Control_2 - control and status register 2
(address 01h) bit allocation . . . . . . . . . . . . . . . 11
Table 9.
Control_2 - control and status register 2
(address 01h) bit description . . . . . . . . . . . . . . 11
Table 10. Control_3 - control and status register 3
(address 02h) bit allocation . . . . . . . . . . . . . . .12
Table 11. Control_3 - control and status register 3
(address 02h) bit description . . . . . . . . . . . . . .12
Table 12. CLKOUT_ctl - CLKOUT control register
(address 0Fh) bit allocation . . . . . . . . . . . . . . .12
Table 13. CLKOUT_ctl - CLKOUT control register
(address 0Fh) bit description . . . . . . . . . . . . . .12
Table 14. Temperature measurement period . . . . . . . . . .13
Table 15. CLKOUT frequency selection . . . . . . . . . . . . . .14
Table 16. Aging_offset - crystal aging offset register
(address 19h) bit allocation . . . . . . . . . . . . . . .14
Table 17. Aging_offset - crystal aging offset register
(address 19h) bit description . . . . . . . . . . . . . .14
Table 18. Frequency correction at 25 °C, typical . . . . . . .15
Table 19. Power management control bit description. . . .16
Table 20. Output pin BBS . . . . . . . . . . . . . . . . . . . . . . . . .21
Table 21. Seconds - seconds and clock integrity
register (address 03h) bit allocation . . . . . . . . .25
Table 22. Seconds - seconds and clock integrity
register (address 03h) bit description . . . . . . . .25
Table 23. Seconds coded in BCD format . . . . . . . . . . . .26
Table 24. Minutes - minutes register (address 04h)
bit allocation . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Table 25. Minutes - minutes register (address 04h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .26
Table 26. Hours - hours register (address 05h)
bit allocation . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Table 27. Hours - hours register (address 05h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .27
Table 28. Days - days register (address 06h)
bit allocation . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Table 29. Days - days register (address 06h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .27
Table 30. Weekdays - weekdays register (address 07h)
bit allocation . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Table 31. Weekdays - weekdays register (address 07h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .28
Table 32. Weekday assignments . . . . . . . . . . . . . . . . . . .28
Table 33. Months - months register (address 08h)
bit allocation . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Table 34. Months - months register (address 08h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .29
Table 35. Month assignments in BCD format . . . . . . . . . 29
Table 36. Years - years register (address 09h)
bit allocation . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 37. Years - years register (address 09h)
bit description. . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 38. Second_alarm - second alarm register
(address 0Ah) bit allocation . . . . . . . . . . . . . . 33
Table 39. Second_alarm - second alarm register
(address 0Ah) bit description . . . . . . . . . . . . . . 33
Table 40. Minute_alarm - minute alarm register
(address 0Bh) bit allocation . . . . . . . . . . . . . . 33
Table 41. Minute_alarm - minute alarm register
(address 0Bh) bit description . . . . . . . . . . . . . . 33
Table 42. Hour_alarm - hour alarm register
(address 0Ch) bit allocation . . . . . . . . . . . . . . 34
Table 43. Hour_alarm - hour alarm register
(address 0Ch) bit description . . . . . . . . . . . . . 34
Table 44. Day_alarm - day alarm register
(address 0Dh) bit allocation . . . . . . . . . . . . . . 34
Table 45. Day_alarm - day alarm register
(address 0Dh) bit description . . . . . . . . . . . . . . 34
Table 46. Weekday_alarm - weekday alarm register
(address 0Eh) bit allocation . . . . . . . . . . . . . . 35
Table 47. Weekday_alarm - weekday alarm register
(address 0Eh) bit description . . . . . . . . . . . . . . 35
Table 48. Watchdg_tim_ctl - watchdog timer control
register (address 10h) bit allocation . . . . . . . . 36
Table 49. Watchdg_tim_ctl - watchdog timer control
register (address 10h) bit description . . . . . . . 36
Table 50. Watchdg_tim_val - watchdog timer value
register (address 11h) bit allocation . . . . . . . . 36
Table 51. Watchdg_tim_val - watchdog timer value
register (address 11h) bit description . . . . . . . . 36
Table 52. Programmable watchdog timer . . . . . . . . . . . . 37
Table 53. Flag location in register Control_2 . . . . . . . . . . 38
Table 54. Example values in register Control_2 . . . . . . . 39
Table 55. Example to clear only AF (bit 4) . . . . . . . . . . . . 39
Table 56. Example to clear only MSF (bit 7) . . . . . . . . . . 39
Table 57. Timestp_ctl - timestamp control register
(address 12h) bit allocation . . . . . . . . . . . . . . . 41
Table 58. Timestp_ctl - timestamp control register
(address 12h) bit description . . . . . . . . . . . . . . 41
Table 59. Sec_timestp - second timestamp register
(address 13h) bit allocation . . . . . . . . . . . . . . . 41
Table 60. Sec_timestp - second timestamp register
(address 13h) bit description . . . . . . . . . . . . . . 41
Table 61. Min_timestp - minute timestamp register
(address 14h) bit allocation . . . . . . . . . . . . . . . 42
Table 62. Min_timestp - minute timestamp register
(address 14h) bit description . . . . . . . . . . . . . . 42
Table 63. Hour_timestp - hour timestamp register
(address 15h) bit allocation . . . . . . . . . . . . . . . 42
Table 64. Hour_timestp - hour timestamp register
(address 15h) bit description . . . . . . . . . . . . . . 42
Table 65. Day_timestp - day timestamp register
(address 16h) bit allocation . . . . . . . . . . . . . . . 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com