Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82845GL Datasheet(PDF) 14 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 10Page - Intel Corporation 82845GL Datasheet HTML 11Page - Intel Corporation 82845GL Datasheet HTML 12Page - Intel Corporation 82845GL Datasheet HTML 13Page - Intel Corporation 82845GL Datasheet HTML 14Page - Intel Corporation 82845GL Datasheet HTML 15Page - Intel Corporation 82845GL Datasheet HTML 16Page - Intel Corporation 82845GL Datasheet HTML 17Page - Intel Corporation 82845GL Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 193 page
background image
Introduction
14
Intel® 82845G/82845GL/82845GV GMCH Datasheet
1.2
Related Documents
NOTE: For additional related documents, refer to the Intel® Pentium® 4 Processor in 478-Pin Package and
Intel® 845G/845GL/845GV Chipset Platform Design Guide.
Graphics Core
The internal graphics related logic in the GMCH. Also known as the Integrated Graphics
Device (IGD).
HI
Hub Interface. The proprietary hub interconnect that ties the GMCH to the ICH4. In this
document HI cycles originating from or destined for the primary PCI interface on the ICH4
are generally referred to as HI/PCI or simply HI cycles.
Host
This term is used synonymously with processor or CPU.
Intel® ICH4
Fourth generation I/O Controller Hub component.
IGD
Integrated Graphics Device. Graphics device integrated into the GMCH.
LVTTL
Low Voltage TTL 3.3 V (SDR).
Primary PCI
The physical PCI bus that is driven directly by the ICH4 component. Communication
between the PCI and the GMCH occurs over the hub interface. Note that even though the
Primary PCI bus is referred to as PCI, it is not PCI Bus #0 from a configuration standpoint.
PSB
Processor System Bus. This is the bus between the GMCH and processor (also referred
to as the Host, FSB, or processor bus).
Scalable Bus
Processor-to-GMCH interface. The Compatible Mode of the Scalable Bus is the P6 bus.
The Enhanced Mode of the Scalable Bus is the P6 Bus plus enhancements primarily
consisting of source synchronous transfers for address and data, and PSB interrupt
delivery. The Intel® Pentium 4 processor implements a subset of Enhanced Mode.
SDR
Single Data Rate SDRAM.
SDRAM
Synchronous Dynamic Random Access Memory.
Secondary PCI
The physical PCI interface that is a subset of the AGP bus driven directly by the GMCH. It
supports a subset of 32-bit, 66 MHz PCI Local Bus Specification, Revision 2.1-compliant
components, but only at 1.5 V (not 3.3 V or 5 V).
SSTL_2
Stub Series Terminated Logic for 2.5 V (DDR).
Document
Document Number/ Location
Intel® Pentium® 4 Processor in 478-Pin Package and Intel® 845G/845GL/
82845GV Chipset Platform Design Guide
298654
Intel® 845G/845GL/845GV Chipset Thermal Design Guide
298655
Intel® 82801DB I/O Controller Hub 4 (ICH4) Datasheet
290744
Intel® Pentium® 4 Processor in the 478-Pin Package Datasheet
249887
JEDEC Double Data Rate (DDR) SDRAM Specification
www.jedec.org
Intel® PC SDRAM Specification
http://developer.intel.com/
technology/memory/pcsdram/
spec/index.htm
Accelerated Graphics Port Interface Specification, Revision 2.0
http://www.intel.com/technology/
agp/agp_index.htm
Digital Visual Interface (DVI) Specification, Revision 1.0
Term
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com