Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82845GL Datasheet(PDF) 33 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 33 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 29Page - Intel Corporation 82845GL Datasheet HTML 30Page - Intel Corporation 82845GL Datasheet HTML 31Page - Intel Corporation 82845GL Datasheet HTML 32Page - Intel Corporation 82845GL Datasheet HTML 33Page - Intel Corporation 82845GL Datasheet HTML 34Page - Intel Corporation 82845GL Datasheet HTML 35Page - Intel Corporation 82845GL Datasheet HTML 36Page - Intel Corporation 82845GL Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
33
Signal Description
DVOBC_INTR#
I
AGP
DVOBC Interrupt: This signal may be used as an interrupt input for either of
the multiplexed DVO devices.
DVOC_FLDSTL
I
AGP
TV Field and Flat Panel Stall Signal: This input can be programmed to be
either a TV Field input from the TV encoder or Stall input from the flat panel.
When used as a Field input, it synchronizes the overlay field with the TV
encoder field when the overlay is displaying an interleaved source. When
used as the Stall input, it indicates that the pixel pipeline should stall one
horizontal line. The polarity is programmable for both modes and the input
may be disabled completely.
MI2C_CLK
I/O AGP
MI2C_CLK: The specific function of this signal is I2C_CLK for a multiplexed
digital display. This signal is tri-stated during a hard reset.
MI2C_DATA
I/O
AGP
MI2C_DATA: The specific function of this signal is I2C_DATA for a
multiplexed digital display. This signal is tri-stated during a hard reset.
MDVI_CLK
I/O
AGP
MDVI_CLK: The specific function is DVI_CLK (DDC) for a multiplexed digital
display connector. This signal is tri-stated during a hard reset.
MDVI_DATA
I/O
AGP
MDVI_DATA: The specific function of this signal is DVI_DATA (DDC) for a
multiplexed digital display connector. This signal is tri-stated during a hard
reset.
MDDC_CLK
I/O
AGP
MDDC_CLK: This signal may be used as the DDC_CLK for a secondary
multiplexed digital display connector. This signal is tri-stated during a hard
reset.
MDDC_DATA
I/O AGP
MDDC_DATA: This signal may be used as the DDC_Data for a secondary
multiplexed digital display connector. This signal is tri-stated during a hard
reset.
ADDID[7:0]
I/O
AGP
ADD Card ID: These signals will be strapped on the ADD card for software
identification purposes. These signals may need pull-up or pull-down
resistors in a DVO device down scenario.
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com