Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82845GL Datasheet(PDF) 46 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 42Page - Intel Corporation 82845GL Datasheet HTML 43Page - Intel Corporation 82845GL Datasheet HTML 44Page - Intel Corporation 82845GL Datasheet HTML 45Page - Intel Corporation 82845GL Datasheet HTML 46Page - Intel Corporation 82845GL Datasheet HTML 47Page - Intel Corporation 82845GL Datasheet HTML 48Page - Intel Corporation 82845GL Datasheet HTML 49Page - Intel Corporation 82845GL Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 193 page
background image
Register Description
46
Intel® 82845G/82845GL/82845GV GMCH Datasheet
To prepare for mapping of the configuration cycles on AGP/PCI_B, the initialization software will
go through the following sequence:
1. Scan all devices residing on the PCI Bus #0 using Type 0 configuration accesses.
2. For every device residing at bus #0 which implements PCI-to-PCI bridge functionality, it will
configure the secondary bus of the bridge with the appropriate number and scan further down
the hierarchy. This process includes the configuration of the “virtual” PCI-to-PCI bridges
within the GMCH used to map the AGP device’s address spaces in a software specific manner.
Note: Although initial AGP platform implementations will not support hierarchical buses residing below
AGP, this specification still must define this capability to support PCI-66 compatibility. Note also
that future implementations of the AGP devices may support hierarchical PCI or AGP-like buses
coming out of the root AGP device.
3.4
I/O Mapped Registers
The GMCH contains two registers that reside in the processor I/O address space
− the
Configuration Address (CONFIG_ADDRESS) Register and the Configuration Data
(CONFIG_DATA) Register. The Configuration Address Register enables/disables the
configuration space and determines what portion of configuration space is visible through the
Configuration Data window.
3.4.1
CONFIG_ADDRESS—Configuration Address Register
I/O Address:
0CF8h Accessed as a DWord
Default Value:
00000000h
Access:
R/W
Size:
32 bits
CONFIG_ADDRESS is a 32-bit register that can be accessed only as a DWord. A Byte or Word
reference will “pass through” the Configuration Address Register and hub interface onto the
PCI_A bus as an I/O cycle. The CONFIG_ADDRESS register contains the Bus Number, Device
Number, Function Number, and Register Number for which a subsequent configuration access is
intended.
Figure 3-3. Configuration Mechanism Type 1 Configuration Address to PCI Address Mapping
Reg. Index
Reg. Index
PCI Address
AD[31:0]
16 15
11
7
0
31
16 15
8 7
0
CONFIG_ADDRESS
X X
0 1
1
2
2 1
11 10
Device Number Function Number
8
10
Bus Number
23
31 30
24
Reserved
1
Function Number
Device Number
Bus Number
23
24
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com