Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82845GL Datasheet(PDF) 53 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 53 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 49Page - Intel Corporation 82845GL Datasheet HTML 50Page - Intel Corporation 82845GL Datasheet HTML 51Page - Intel Corporation 82845GL Datasheet HTML 52Page - Intel Corporation 82845GL Datasheet HTML 53Page - Intel Corporation 82845GL Datasheet HTML 54Page - Intel Corporation 82845GL Datasheet HTML 55Page - Intel Corporation 82845GL Datasheet HTML 56Page - Intel Corporation 82845GL Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
53
Register Description
3.5.1.5
RID
—Revision Identification Register (Device 0)
Address Offset:
08h
Default Value:
See table below
Access:
RO
Size:
8 bits
This register contains the revision number of the GMCH Device 0.
3.5.1.6
SUBC
—Sub-Class Code Register (Device 0)
Address Offset:
0Ah
Default Value:
00h
Access:
RO
Size:
8 bits
This register contains the Sub-Class Code for the GMCH Device 0.
3.5.1.7
BCC
—Base Class Code Register (Device 0)
Address Offset:
0Bh
Default Value:
06h
Access:
RO
Size:
8 bits
This register contains the Base Class Code of the GMCH Device 0.
Bit
Description
7:0
Revision Identification Number (RID).
This is an 8-bit value that indicates the revision identification
number for the GMCH Device 0.
82845G and 82845GL GMCH
01h = A1 Stepping
03h = B1 Stepping
82845GV GMCH
01h = A1 Stepping
Bit
Description
7:0
Sub-Class Code (SUBC).
This is an 8-bit value that indicates the category of Bridge into which the
GMCH falls.
00h = Host Bridge.
Bit
Description
7:0
Base Class Code (BASEC).
This is an 8-bit value that indicates the Base Class Code for the
GMCH.
06h = Bridge device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com