Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82845GL Datasheet(PDF) 18 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 14Page - Intel Corporation 82845GL Datasheet HTML 15Page - Intel Corporation 82845GL Datasheet HTML 16Page - Intel Corporation 82845GL Datasheet HTML 17Page - Intel Corporation 82845GL Datasheet HTML 18Page - Intel Corporation 82845GL Datasheet HTML 19Page - Intel Corporation 82845GL Datasheet HTML 20Page - Intel Corporation 82845GL Datasheet HTML 21Page - Intel Corporation 82845GL Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 193 page
background image
Introduction
18
Intel® 82845G/82845GL/82845GV GMCH Datasheet
1.4.4
Multiplexed AGP and Intel® DVO Port Interface
The GMCH multiplexes an AGP interface with two DVO ports. When an external AGP device is
installed in the system, the IGD functionality is disabled.
AGP Interface
A single AGP or PCI-66 component or connector (not both) is supported by the GMCH’s AGP
interface. Support for a single PCI-66 device is limited to the subset supported by the Accelerated
Graphics Port Interface Specification, Revision 2.0. The AGP/PCI_B buffers operate only in 1.5 V
mode and support the AGP 1.5 V Connector. An external graphics accelerator is not a requirement
due to the GMCH’s integrated graphics capabilities. The BIOS will disable the IGD if an external
AGP device is detected.
The AGP/PCI_B interface supports up to 4X AGP signaling and up to 4X Fast Writes. AGP
semantic cycles to system DRAM are not snooped on the host bus. PCI semantic cycles to system
memory are snooped on the host bus. The GMCH supports PIPE# or SBA_[7:0] AGP address
mechanisms, but not both simultaneously. Either the PIPE# or the SBA_[7:0] mechanism must be
selected during system initialization. The GMCH contains a 32-deep AGP request queue. High
priority accesses are supported.
Multiplexed Intel® DVO Port Interface
The GMCH supports two multiplexed DVO ports that each drive pixel clocks up to 165 MHz.
When an AGP connector is present, the GMCH can make use of these digital display channels via
an AGP Digital Display card.
1.4.5
Graphics Overview
The GMCH provides an integrated graphics accelerator delivering 3D, 2D and video capabilities.
The GMCH contains an extensive set of instructions for 3D operations, BLT and Stretch BLT
operations, motion compensation, overlay, and display control. The GMCH’s video engines
support video conferencing and other video applications. The GMCH does not support a dedicated
local graphics memory interface, it can only be used in a UMA configuration. In addition, the
GMCH supports external graphics accelerators via AGP, but cannot work concurrently with an
external AGP graphics device.
High bandwidth access to data is provided through the system memory port. The GMCH can
access graphics data located in system memory at 1.0 GB/s (SDR PC133), 1.6 GB/s (DDR200) or
2.2 GB/s (DDR266). The GMCH uses Intel’s Direct Memory Execution model to fetch textures
from system memory. The GMCH includes a cache controller to avoid frequent memory fetches of
recently used texture data.
The GMCH also provides 2D hardware acceleration for block-level transfers of data (BLTs). The
BLT engine provides the ability to copy a source block of data to a destination and perform raster
operations on the data using a pattern, and/or another destination. Performing these common tasks
in hardware reduces processor load; thus, improving performance. The internal graphics device
must be disabled when an attached AGP device is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com