Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82845GL Datasheet(PDF) 47 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 47 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 43Page - Intel Corporation 82845GL Datasheet HTML 44Page - Intel Corporation 82845GL Datasheet HTML 45Page - Intel Corporation 82845GL Datasheet HTML 46Page - Intel Corporation 82845GL Datasheet HTML 47Page - Intel Corporation 82845GL Datasheet HTML 48Page - Intel Corporation 82845GL Datasheet HTML 49Page - Intel Corporation 82845GL Datasheet HTML 50Page - Intel Corporation 82845GL Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
47
Register Description
3.4.2
CONFIG_DATA—Configuration Data Register
I/O Address:
0CFCh
Default Value:
00000000h
Access:
Read/Write
Size:
32 bits
CONFIG_DATA is a 32-bit read/write window into configuration space. The portion of
configuration space that is referenced by CONFIG_DATA is determined by the contents of
CONFIG_ADDRESS.
Bit
Description
31
Configuration Enable (CFGE).
1 = Enable.
0 = Disable.
30:24
Reserved.
These bits are read only and have a value of 0.
23:16
Bus Number.
When the Bus Number is programmed to 00h the target of the Configuration Cycle is
a hub interface agent (GMCH, Intel® ICH4, etc.). The Configuration Cycle is forwarded to the hub
interface if the Bus Number is programmed to 00h and the GMCH is not the target.
If the Bus Number is non-zero and matches the value programmed into the Secondary Bus Number
Register of Device 1, a Type 0 PCI configuration cycle will be generated on AGP/PCI_B.
If the Bus Number is non-zero, greater than the value in the Secondary Bus Number register of
Device 1 and less than or equal to the value programmed into the Subordinate Bus Number Register
of Device 1, a Type 1 PCI configuration cycle is generated on AGP/PCI_B.
If the Bus Number is non-zero, and does not fall within the ranges enumerated by Device 1’s
Secondary Bus Number or Subordinate Bus Number Register, then a HI Type 1 configuration Cycle
is generated.
15:11
Device Number.
This field selects one agent on the PCI bus selected by the Bus Number. When the
Bus Number field is “00” the GMCH decodes the Device Number field. The GMCH is always Device
Number 0 for the Host-HI bridge entity, Device Number 1 for the Host-PCI_B/AGP entity, and device
2 for the integrated graphics device. Therefore, when the Bus Number =0 and the Device Number
equals 0,1 or 2, the internal GMCH devices are selected.
If the Bus Number is non-zero and matches the value programmed into the Device#1 Secondary
Bus Number Register, a Type 0 PCI configuration cycle will be generated on AGP/PCI_B. The
Device Number field is decoded and the GMCH asserts one and only one GADxx signal as an
IDSEL. GAD16 is asserted to access Device 0, GAD17 for Device 1 and so forth up to Device 15 for
which will assert AD31. All device numbers higher than #15 cause a type 0 configuration access with
no IDSEL asserted, which will result in a Master Abort reported in the GMCH’s “virtual” PCI-to-PCI
bridge registers.
For Bus Numbers resulting in AGP/PCI_B Type 1 Configuration cycles the Device Number is
propagated as GAD[15:11].
10:8
Function Number.
This field is mapped to GAD[10:8] during AGP/PCI_B Configuration cycles and
A[10:8] during HI configuration cycles. This allows the configuration registers of a particular function
in a multi-function device to be accessed. The GMCH ignores configuration cycles to its internal
Devices if the function number is not equal to 0.
7:2
Register Number.
This field selects one register within a particular Bus, Device, and Function as
specified by the other fields in the Configuration Address Register. This field is mapped to GAD[7:2]
during AGP/PCI_B Configuration cycles and A[7:2] during HI Configuration cycles.
1:0
Reserved.
Bit
Description
31:0
Configuration Data Window (CDW).
If bit 31 of CONFIG_ADDRESS is 1 any I/O access that to
the CONFIG_DATA register will be mapped to configuration space using the contents of
CONFIG_ADDRESS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com