Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA2 Datasheet(PDF) 15 Page - Mitsubishi Electric Semiconductor

Part # ALPHA2
Description  PROGRAMMABLE LOGIC CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ALPHA2 Datasheet(HTML) 15 Page - Mitsubishi Electric Semiconductor

Back Button ALPHA2 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ALPHA2 QUICK START MANUAL
15
n
HOW TO USE HELP
Gives detailed information on “How to Use Help” and Customize
the Help settings for the users convenience. Topics include finding,
copying, viewing, and printing help files and manipulating the data in
dialog boxes. Learn how to change the color or font size of a dialog
box, add comments, or bookmark especially useful information.
9. FUNCTION BLOCKS
9.1 LOGIC FUNCTION BLOCKS
• Logic Function Blocks operate by reading whether signals are ON or
OFF and then setting the status of their Outputs accordingly.
• There are six types of logic blocks available in the Alpha2 Series -
AND, OR, NAND, NOT, NOR, XOR.
• Analog signals cannot be processed by the Logic blocks.
• The logic FB have no parameters.
Boolean Logic Function Blocks
Logic
Block
State
Logic Block
Displayed
Description
Memory
Use
AND
00
AND
2
3
O
4
1
This function executes logical AND operation on
given input signals. The input signals connected
should be of bit input type only. 4 Bit input pins
and 1 Bit output pin. If all the inputs are ON then
the output is ON, otherwise output is OFF.
19 Byte
OR
00
OR
2
3
O
4
1
This function executes logical OR operation on
given input signals. The input signals connected
should be of bit input type only. 4 Bit input pins
and 1 Bit output pin. If all the inputs are OFF
then output is OFF, otherwise output is ON.
19 Byte
NOT
00
NT
1
O
This function executes logical NOT operation on
given input signal. The input signal connected
should be of bit input type only. 1 Bit input pin
and 1 Bit output pin. Output is negation of Input
given.
10 Byte
XOR
00
XOR
1
2
O
This function executes logical XOR operation on
given input signals. The input signals connected
should be of bit input type only. 2 Bit input pins
and 1 Bit output pin. If both inputs are either
OFF or ON then out put is OFF, otherwise
output is ON.
13 Byte
NAND
00
NAND
2
3
O
4
This function executes logical NAND operation
on given input signals. The input signals
connected should be of bit input type only. 4 Bit
input pins and 1 Bit output pin. If all the inputs
are ON then output is OFF, otherwise output
is ON.
19 Byte
NOR
00
NOR
2
3
O
4
1
This function executes logical NOR operation on
given input signals. The input signals connected
should be of bit input type only. 4 Bit input pins
and 1 Bit output pin. If all the inputs are OFF
then out put is ON, otherwise output is OFF.
19 Byte
9.2 ADDITIONAL FUNCTION BLOCKS
The Alpha2 series controller is fundamentally based on function block
programming. The blocks provide a wide range of possible operations
and have been preprogrammed for ease of use. Some Function Blocks
have parameters that can be tailored to meet individual requirements in
the programs.
Logic
Block
State
Logic Block
Displayed
Description
Memory
Use
Boolean
[BL]
0 0
0
1
L
B
O
2
3
4
P
The Boolean Function Block uses Boolean
algebra to control the ON/OFF state of an
output. An operational expression consists of
either the AND, OR, XOR or NOT form.
*1
Set/
Reset
[SR]
0 0
0
R
S
O
S
R
P
The Set/Reset Function Block either holds
an output ON (set) or releases the output
OFF (reset.) Priority can be given to either
input pin if both inputs have been energized
simultaneously. The default priority setting is
dedicated to the reset input pin.
14 Byte
Pulse
[PL]
0 0
0
L
P
O
I
P
The Pulse Function Block sends a single pulse
to the output pin if the input pin receives either
an “ON to OFF”, “OFF to ON” or “ON to OFF”
And OFF to ON” input operation.
10 Byte
Alternate
[AL]
0 0
0
L
A
O
I
C
The Alternate Function Block is used to
reverse the ON and OFF state of the output as
and when the input pin receives a signal. The
output will be set ON when the input pin goes
high and remain ON until the input receives
the second rising edge.
13 Byte
Delay
[DL]
0 0
0
L
D
O
I
C
P
The Delay Function Block provides an ON
delay timer and an OFF delay timer. Time
intervals for either situation can be set. The
time unit can be set to 10ms, 100ms or 1s
increments.
19 Byte
One
Shot
[OS]
0 0
0
S
O
O
I
C
P
The One Shot Function Block awaits a signal
supplied to the input pin thereafter setting the
output according to the specified time. The
timing parameters control the state of the
output (depending on the priority setting). The
time unit can be set to 10ms, 100ms or 1s
increments.
17 Byte
Flicker
[FL]
0 0
0
L
F
O
I
P
The Flicker Function Block changes the ON
and OFF state of the output according to a
preset flicker time. The time unit can be set to
10ms, 100ms or 1s increments.
19 Byte
Time
Switch
[TS]
0 0
0
S
T
O
P
The Time Switch Function Block uses a
predefined time schedule to control the ON
and OFF status of the output.
*2
Time
Switch m
[TSm]
0 0
0
S
T m
P
The Time Switch maintenance Function Block
uses a predefined time schedule to control
the ON and OFF status of the output. The
function block can be setup from the TopMenu
“Parameter” via the front panel keys.
*2
Counter
[CN]
0 0
0
N
C
O
I
C
P
The Counter Function Block increments the
current value by one as and when the input
pin receives a signal. When the current value
reaches the set value the output is set ON.
The counter current value is reset as and
when the clear pin receives an input.
16 Byte
U/D
Counter
[UD]
0 0
0
U
D
U
O
D
C
P
P
The Up/Down Function block positively or neg-
atively increments the counter until a set value
is reached thereby setting the output ON. A
preset signal can also equal the set value
regardless of the current value for the function
block and thereby setting the output ON.
22 Byte
Compare
[CP]
0 0
0
P
C
O
I
P
The Compare Function Block monitors the
current value of the input pin in relation to a
preset expression. The expression consists of
=, >, >=, <, <= or <>. If the compared value
satisfies the expression subsequently the
output pin is set on.
17 Byte
Mitsubishi Electric Automation, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com