Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA2 Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # ALPHA2
Description  PROGRAMMABLE LOGIC CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ALPHA2 Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button ALPHA2 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ALPHA2 QUICK START MANUAL
11
Removing the cover
Connecting the AL-232CAB cable
Removing the AL-232CAB cable
Installing the cover
8.3 INSTALLING AND STARTING AL-PCS
This section describes how to install the AL-PCS programming
software package and to connect the Alpha2 Series Controller to the
Personal Computer. The Operation System requirements are outlined
and the equipment necessary to make all proper connections are
detailed.
8.3.1 System Requirements
The AL-PCS is designed to be installed on a computer that meets
or exceeds the following specifications. Please check whether your
personal computer meets these requirements prior to the software
installation.
Personal Computer Requirements
Item
Description
Operating System
Microsoft® Windows® 95, Windows® 98, Windows®
Me, WindowsNT® workstation 4.0, Windows® 2000,
Windows® XP*2, Windows Vista® *2 and Windows® 7 *2
CPU *1
Pentium 133 MHz or more (recommended)
Hard Disk
10 MB of free capacity
Memory *1
32 MB or more (recommended)
CD-ROM Drive
Required for Setup
Pointing Device
Mouse or other pointing device
Display *1
SVGA (800 x 600) 256 colors or more (recommended)
RS-232C Serial Interface
1 port or more
The RS-232C serial interface must be assigned to a
COM port (COM1 to COM10)
1. Take care that the used computer meets or exceeds the CPU,
memory and display specifications outlined by the OS.
2. Only the 32 bit version of this operating system is supported.
8.3.2 Installing AL-PCS
Note that this software cannot be run from the install CD. It must be
installed onto hard-drive and subsequently run from the drive.
To install AL-PCS:
1. Restart Windows®, and do not start-up any other applications.
2. Insert the SW0D5C-ALVLS-E CD into CD-ROM drive.
3. Execute “setup.exe.”
4. During the SW0D5-ALVLS-E Setup dialog box, click “NEXT”
whenever ready thus proceeding to the next panel.
Mitsubishi Electric Automation, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com