Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA2 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # ALPHA2
Description  PROGRAMMABLE LOGIC CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ALPHA2 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  ALPHA2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ALPHA2 QUICK START MANUAL
5
n
RECOMMENDED POWER WIRING DIAGRAM
1. Power Supply
2. Circuit Isolation Device
3. Power On Pilot Indicator
4. Circuit Protection Device - Limit to 1.0A
5. Alpha2 Main Unit
6. Emergency Stop
7. Magnetic Switch Contact
8. Power Supply for Loads
n
AL2-_ _MR-A INPUT WIRING
1. AC Power Supply, 100 - 240V AC~ 50/60 Hz
2. Circuit Isolation Device
3. Circuit Protection Device - Limit to 1.0A
4. AC Power Terminals
5. Unused Terminals
6. Input Terminals
7. Digital Input Switches
n
AL2-_ _MR-D (SINK/SOURCE) INPUT WIRING
1. DC Power Supply, 24V DC
2. Circuit Isolation Device
3. Circuit Protection Device - Limit to 1.0A
4. DC Power Terminals
5. Sink/Source Input Wiring Terminals
6. Sensor Input Switches
7. Input Terminals
8. Analog Input (DC Source input only)
n
AL2-_ _MR-_ OUTPUT WIRING
1. Alpha2 Main Unit
2. Mutually exclusive outputs
3. Output Devices
4. Circuit Protection Device - See Table below to determine fuse size
5. Emergency Stop
6. DC Power Supply
7. AC Power Supply
n
CIRCUIT PROTECTION (FUSE)
Circuit
Voltage
Relay Circuit Protection (Fuse)
AL2-10MR-_, AL2-24MR-_ (O01 - O04)
AL2-14MR-_ (O01 - O06)
AL2-24MR-_ (O05 - O09)
5VDC
10A / Circuit
3A / Circuit
12VDC
24VDC
100VAC~
240VAC~
L N
+ -
"L" and "N"
terminals are
not reversible.
L
N
Start
MC
MC
L
N
12
3
INPUTS
45
6
"L" and "N" terminals are
not reversible.
L
N
7
8
+
-
1
2
3
INPUTS
4
5
6
Source Input Wiring Diagram
(A) (B)
7
8
+
-
1
2
3
INPUTS
4
5
6
Sink Input Wiring Diagram
(A) (B)
7
8
OUT1 OUT2 OUT3 OUT4
Relay Output Wiring
OUT5 OUT6
Mitsubishi Electric Automation, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com