Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA2 Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part # ALPHA2
Description  PROGRAMMABLE LOGIC CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ALPHA2 Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button ALPHA2 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ALPHA2 QUICK START MANUAL
16
Logic
Block
State
Logic Block
Displayed
Description
Memory
Use
Offset
Gain
[OG]
0 0
0
G
O
I
P
The Offset Gain Function Block is based
upon a linear function Y=A/B*X+C to which
the value obtained from an analog input
(X:A01-A08) is set.
22 Byte
Display
[DP]
0 0
0
P
D
I
P
The Display Function Block is used as an
interface between the user and the devices
held within the controller. Current values, timer
messages, user-defined messages can be
read.
*4
Zone
Compare
[ZC]
0 0
0
C
Z
O
I
P
The Zone Compare Function Block identifies
whether the input value lies within a specified
upper and lower limited zonal area and if so
changes the status of the output accordingly.
20 Byte
Schmitt
Trigger
[ST]
0 0
0
T
S
O
I
P
The Schmitt Trigger Function Block compares
an input value to preset high and low limits.
The output is ON when the input value
reaches the high limit and then falls below the
lower limit. The function only processes the
data when the function block is receiving an
input signal.
19 Byte
Hour
Meter
[HM]
0 0
0
M
H
O
I
C
P
The Hour Meter Function Block holds the
output status ON for a maximum of 32767
hours, 59 minutes and 59 seconds. If the input
pin is turned OFF the elapsed time will hold its
value until either the clear pin resets the time
or the input pin is turned ON again.
19 Byte
Speed
Detect
[SPD]
0 0
0
P
S
O
U
C
I
D
P
The Speed Detect Function Block is used to
count the incoming pulses max. 20Hz for a set
period of time. The upper and lower limits can
be set from -32768 to +32767 and the Period
interval’s set range is 1 to 32767 in 10ms
increments.
25 Byte
PWM
[PWM]
0 0
0
W
P
O
I
M
P
The Pulse Width Modulation Function Block
changes the output status according to a set
period of time with a minimum of 100ms and
a maximum of 3276700ms in increments of
100ms. The percentage duty for the function
controls the amount of elapsed time before the
output status is changed.
16 Byte
PID
0
I
P
O
A
C
E
D
P
0 0
The PID Function Block is the Alpha2
implementation of PID, a control method used
to obtain stable control over a system variable.
It is a equipped with an Autotuning function,
which automatically adjusts the Function Block
parameters for the specific application.
52 Byte
Reten-
tive
Alternate
[RAL]
0 0
0
L
A
I
C
R
The Alternate Function Block is used to
reverse the ON and OFF state of the output as
and when the input pin receives a signal. The
output will be set ON when the input pin goes
high and remain ON until the input receives
the second rising edge. When the power is
turned OFF the function block will use the last
alternation operation to control the output.
13 Byte
Addition
[ADD]
0 0
0
D
A
O
I
D
P
The ADD Function Block is used to summate
two input values
20 Byte
Subtrac-
tion
[SUB]
0 0
0
U
S
O
I
B
P
The SUB Function Block is used to subtract
two input values.
20 Byte
Multipli-
cation
[MUL]
0 0
0
U
M
O
I
L
P
The MUL Function Block is used to multiply
two input values.
20 Byte
Division
[DIV]
0 0
0
I
D
O
I
V
P
The DIV Function Block is used to divide
two input values.
20 Byte
Logic
Block
State
Logic Block
Displayed
Description
Memory
Use
Calcula-
tion
[CAL]
0 0
0
A
C
O
I
L
P
The CAL Function Block is used to perform a
calculation from the combination of different
Arithmetic function blocks.
*3
Shift
[SFT]
0 0
0
I
T
S
O
T
S
R
F
This Shift Function Block is used to transfer
the Shift Input status just before the Input
signal is set ON. It has a bit input pin, a shift
input pin, a set input pin, a reset input pin and
a bit output pin.
19 Byte
Random
One
Shot
[ROS]
0 0
0
O
R
O
I
S
C
P
The Random One Shot Function Block emits a
random length single pulse to the output.
19 Byte
Delayed
One
Shot
[DOS]
0 0
0
O
D
O
I
S
C
P
The Delayed One Shot Function Block emits
a single pulse after a controlled delay to the
output.
20 Byte
Delayed
Alternate
[DAL]
0 0
0
A
D
O
I
L
C
P
The Delayed Alternate Function Block
alternates the status of the output with each
pulse after a controlled delay.
16 Byte
Reten-
tive Set/
Reset
[RSR]
0 0
0
S
R
S
R
R
P
The Set/Reset Function Block either holds an
output ON (set) or releases the output OFF
(reset.) Priority can be given to either input
pin if both inputs have been energized. The
default priority setting is dedicated to the reset
input pin. When the power is turned OFF the
function block will use the last set or reset
operation to control the output.
14 Byte
Control
Display
[CDP]
The Control Display Function allows the user
to control the LCD image screens. The func-
tion block can only be set in AL-PCS software
for Alpha2 Series Controllers. When control
bit N04 is ON, it is possible to control the
displayed User Screen.
*5
Connect
[ _B ]
0
0
B
_
O
I
0
The Connect function block is an internal
device used to show the memory used by
input bits, system bits, AS-interface bits, and
the operation keys. No function block appears
on screen or is shown as being used in the
“Memory Configuration Usage” dialog box. The
purpose is only to calculate the memory that is
used by the bits listed above.
10 Byte
System
Outputs
Control for external devices through relays and
transistors.
10 Byte
1. Number of bytes used = 19 + 1 x (Characters in equation)
2. Number of bytes used = 8 + 4 x (Number of time switches)
3. Number of bytes used = 30 + 1 x (Characters in equation)
4. Number of bytes used is decided by the displayed item.
Displayed Item
Number of Bytes, Alpha2 Series
Characters
16 + 1 x (Each character displayed)
Analog, FB Value
Value
17
Graph
23
Time, Date
14
Time Switch
17
5. Number of bytes used = 32 + 3 x (Number of screen)
6. Number of bytes used = 12 + 1 x (Characters in E-Mail address)
7. Number of bytes used = 37 + (Number of characters of setup commands)
Mitsubishi Electric Automation, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com