Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA2 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # ALPHA2
Description  PROGRAMMABLE LOGIC CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ALPHA2 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  ALPHA2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ALPHA2 QUICK START MANUAL
4
• Use size M4 screws when mounting by screw holes.
• The connectors must be covered to prevent injury from contact with
“live” wires.
• Leave a minimum of 10mm of space for ventilation between the top
and bottom edges of the Alpha2 Series Controller and the enclosure
walls.
• Do not disassemble the Alpha2 Series controller.
n
DIN RAIL MOUNTING OF MAIN UNIT
Units can be snap mounted to 35mm DIN rail (DIN EN 50022). To
release pull the spring loaded clips away from the rail and slide the unit
off and up.
INSTALL: Align the upper side of the Alpha2 DIN rail mounting groove
with the DIN rail (#1) and push it onto the rail (#2).
REMOVE: Pull the DIN rail hook (#1) and remove the Alpha2 series
main unit (#2).
n
DIRECT MOUNTING OF MAIN UNIT
Note: The Alpha2 Series controller must be used with either the
communication cable or connector cover installed. Otherwise, the
exposed socket can cause damage to the controller or an electric
shock to the operator.
4. WIRING DIAGRAMS
n
END PROCESSING OF CABLE
Wire the inputs and outputs using 26 - 12 AWG wire (0.13 mm² - 3.31
mm²). To avoid damaging the wire, tighten to a torque of 0.5 - 0.6 N•m.
Stranded cable: Remove sheath, twist core wires, then connect cable
(or use a crimp terminal).
Single cable: Remove sheath, then connect cable.
71.2 (2.8")
59.2(2.34")
6 (0.24")
AL2-10MR-*
M4 Mounting Screw
6 (0.24")
124.6 (4.91")
112.6 (4.43")
6 (0.24")
AL2-14MR-*
AL2-24MR-*
M4 Mounting Screw
6 (0.24")
7mm(0.276") ± 0.5mm(0.02")
26 -12 AWG
Temperature Rating: Min. 80ºC (176ºF)
Mitsubishi Electric Automation, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com