Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA2 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # ALPHA2
Description  PROGRAMMABLE LOGIC CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ALPHA2 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  ALPHA2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ALPHA2 QUICK START MANUAL
3
1. INTRODUCTION
The Alpha2 Series Controllers provides supervisory control for use in
the home, office, factory, or wherever you need it. The Alpha2 Series
Controllers offers flexible I/O control for varied applications including:
• Automation of lights, air-conditioning, or watering systems
• The opening and shutting of gates
• Easy security systems
• Domestic animal and pet food distribution systems
• Control of stockyards and greenhouses
However, the Alpha2 Series Controllers is not designed to be used in
the following applications:
• Applications where high reliabilities such as nuclear power control,
railway facilities, airline facilities, vehicles, combustion equipment
and medical equipment are required.
• Applications in life critical situations
1.1 AVAILABLE MODELS
Model No
AL2-
10MR-A
AL2-
10MR-D
AL2-
14MR-A
AL2-
14MR-D
AL2-
24MR-A
AL2-
24MR-D
Power
Supply
100-240V
AC~
24VDC
100-240V
AC~
24VDC
100-240V
AC~
24VDC
Input Type
100 -
240V
AC~
24VDC
Sink/
Source
100 -
240V
AC~
24VDC
Sink/
Source
100 -
240V
AC~
24VDC
Sink/
Source
No. Inputs
6
6
8
8
15
15
Output Type Relay
No. Outputs 4
4
6
6
9
9
Dimensions
mm (in)
71.2 x 90 x 52
(2.8 x 3.54 x 2.05)
124.6 x 90 x 52
(4.91 x 3.54 x 2.05)
Weight
kg (lbs)
0.21
(0.47)
0.20
(0.44)
0.30 (0.66)
0.35
(0.77)
0.30
(0.66)
1.2 CAUTION
CAUTION: Persons trained in the local and national electrical
standards must perform all tasks associated with wiring the Alpha2
Series Controller.
• Disconnect all terminals from power supply before removing the
cover.
• Turn off the power before performing any wiring operations.
• Input and output cables should not be run through the same
multicore cable or share the same wire.
• Input and output cable length must be less than 30m (98' 5").
• The wire should be used a single cable, used a crimp terminal, or
carefully twist stranded wires together. Do not connect a soldered
wire end to the Alpha2 Series Controller.
• To avoid damaging the wire, tighten to a torque of 0.5 - 0.6 N•m.
• Do not install in areas with: excessive or conductive dust, corrosive
or flammable gas, moisture or rain, excessive heat, regular impact
shocks or excessive vibration.
• The connectors must be covered to prevent contact with “live” wires.
• The Alpha2 Series Controller must be installed in distribution box or
a control cabinet.
• Leave a minimum of 10mm of space for ventilation between the top and
bottom edges of the Alpha2 Series Controller and the enclosure walls.
• The Alpha2 Series is not designed to be used in life critical or fail
safe applications.
• Under no circumstances will Mitsubishi Electric be liable or
responsible for any consequential damage that may arise as a result
of the installation or use of this equipment.
• Please read this entire manual for further information.
2. DIMENSIONS
Unit of Measure: mm (inch)
AL2-14MR-_, AL2-24MR-_
AL2-10MR-_
3 INSTALLATION
n
MOUNTING NOTES
The Alpha2 Series’ safe design means the user can install it almost
anywhere but please take the following points into consideration.
• Do not install in areas with excessive or conductive dust, corrosive
or flammable gas, moisture or rain, excessive heat, regular impact
shocks or excessive vibration. Do not place in water or let water leak
onto the controller.
• Do not allow debris to fall inside the unit during installation.
• Keep as far as possible from high-voltage cables and power
equipment.
• The Alpha2 Series Controller must be installed in a distribution box
or a control cabinet.
OUT1
OK
-
+
ESC
OUT3
9
RELAY
OUTPUT
6
5
OUT
8
OUT2
OUT4
7
DC INPUT
15
14
0
1
1
1
2
1
3
1
9
8
7
6
5
4
32
1
)
A
(
)
B
(
+ -
24V DC
POWER
AL2-24MR-D
124.6(4.91")
6(0.24")
6(0.24")
52(2.05")
+
- E01 E02
4
0
E
-
3
0
E
+
OUT4
OUT2
OUT3
OUT1
AL2-10MR-D
OK
ESC
+
-
1 2345 6
DC INPUT
-
+
)
A
(
)
B
(
POWER
24V DC
RELAY OUTPUT
71.2(2.8")
6(0.24")
6(0.24")
52(2.05")
OUT1
OK
-
+
ESC
OUT3
9
RELAY
OUTPUT
6
5
OUT
8
OUT2
OUT4
7
DC INPUT
15
14
0
1
1
1
2
1
3
1
9
8
7
6
5
4
32
1
)
A
(
)
B
(
+ -
24V DC
POWER
AL2-24MR-D
124.6(4.91")
6(0.24")
6(0.24")
52(2.05")
+
- E01 E02
4
0
E
-
3
0
E
+
OUT4
OUT2
OUT3
OUT1
AL2-10MR-D
OK
ESC
+
-
1 2345 6
DC INPUT
-
+
)
A
(
)
B
(
POWER
24V DC
RELAY OUTPUT
71.2(2.8")
6(0.24")
6(0.24")
52(2.05")
Mitsubishi Electric Automation, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com