Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSES0765RG Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSES0765RG
Description  Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSES0765RG Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSES0765RG Datasheet HTML 1Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 2Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 3Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 4Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 5Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 6Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 7Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 8Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
FSES0765RG
3
Pin Definitions
Pin Configuration
Figure 3. Pin Configuration (Top View)
Pin Number
Pin Name
Pin Function Description
1
Drain
This pin is the high voltage power SenseFET drain connection.
2
GND
This pin is the control ground and the SenseFET source.
3Vcc
This pin is the positive supply input. This pin provides the internal operating
current for both start-up and steady-state operation.
4Vfb
This pin is internally connected to the inverting input of the PWM comparator.
The collector of an opto-coupler is typically tied to this pin. For stable
operation, a capacitor should be placed between this pin and GND. If the
voltage of this pin reaches 7.5V, the over load protection triggers resulting in
shutdown of the FPS.
5
Vsync
This pin is for synchronized switching. For proper synchronization, a pulse
signal should be applied on this pin. The internal MOSFET is turned on being
synchronized by the falling edge of this signal.
6Vstr
This pin is connected directly to the high voltage DC link. At startup, the
internal high voltage current source supplies the internal bias and charges the
external capacitor that is connected to the Vcc pin. Once Vcc reaches 12V, the
internal current source is disabled.
TO-220-6L
1. Drain
2. GND
3. Vcc
4. V
FB
6. Vstr
5. Vsync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com