Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSES0765RG Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSES0765RG
Description  Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSES0765RG Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSES0765RG Datasheet HTML 1Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 2Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 3Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 4Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 5Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 6Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 7Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 8Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
FSES0765RG
5
Electrical Characteristics (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed in design, are tested only in EDS (wafer test) process.
2. These parameters, although guaranteed in design, are not tested in mass production.
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
SENSEFET SECTION
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
650
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = Max, Rating, VGS
= 0V
-
-
250
μA
VDS= 0.8*Max., Rating
VGS = 0V, TC = 85°C
-
-
300
μA
Static Drain-source on Resistance
RDS(ON)
VGS = 10V, ID = 2.3A
-
1.4
1.6
Ω
Output Capacitance
Coss
VGS = 0V, VDS = 25V,
f = 1MHz
-
100
130
pF
UVLO SECTION
Vcc Start Threshold Voltage
VSTART
VFB=5V
11
12
13
V
Vcc Stop Threshold Voltage (Normal operation)
VSTOP
VFB=5V
8.5
9
9.5
V
Vcc Stop Threshold Voltage (Burst operation)
VBSTOP
VFB=0V
7
7.5
8
V
OSCILLATOR SECTION
Initial Frequency
FOSC
VFB=5
18
20
22
kHz
Voltage Stability
FSTABLE
11V
≤ Vcc ≤ 18V
0
1
3
%
Maximum Duty Cycle
DMAX
VFB=5
48
55
62
%
Minimum Duty Cycle
DMIN
--
0
-
%
FEEDBACK SECTION
Feedback Source Current (Normal operation)
IFB
VFB = 0V, Vcc=15V
0.7
0.9
1.1
mA
Feedback Source Current (Burst operation)
IBFB
VFB = 0V, Vcc=8.7V
70
100
130
uA
Feedback Voltage Threshold to Stop Switching
VOFF
0V
≤ VFB ≤ 0.4V
0.2
0.3
0.4
V
Shutdown Feedback Voltage
VSD
VFB ≥ 6.9V
7
7.5
8
V
Shutdown Delay Current
IDELAY
VFB = 4V
1.6
2
2.4
μA
PROTECTION SECTION
Over Voltage Protection
VOVP
Vcc
≥ 17V18
19
20
V
Over Current Protection Threshold Voltage(1)
VAOCP
-
0.9
1.0
1.1
V
Thermal Shutdown Temp(2)
TSD
-
140
-
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com