Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSES0765RG Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSES0765RG
Description  Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSES0765RG Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSES0765RG Datasheet HTML 7Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 8Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 9Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 10Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 11Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 12Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 13Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 14Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
FSES0765RG
11
Functional Description
1. Startup : In previous generations of Fairchild Power
Switches (FPSTM) the Vcc pin had an external start-up
resistor to the DC input voltage line. In this generation the
startup resistor is replaced by an internal high voltage current
source. At startup, an internal high voltage current source
supplies the internal bias and charges the external capacitor
(Cvcc) that is connected to the Vcc pin as illustrated in figure
4. When Vcc reaches 12V, the FPS begins switching and the
internal high voltage current source is disabled. Then, the
FPS continues its normal switching operation and the power
is supplied from the auxiliary transformer winding unless
Vcc goes below the stop voltage of 9V.
Figure 4. Internal Startup Circuit
2. Feedback Control : FSES0765RG employs current mode
control, as shown in figure 5. An opto-coupler (such as the
H11A817A) and shunt regulator (such as the KA431) are
typically
used
to
implement
the
feedback
network.
Comparing the feedback voltage with the voltage across the
Rsense resistor plus an offset voltage makes it possible to
control the switching duty cycle. When the reference pin
voltage of the KA431 exceeds the internal reference voltage
of 2.5V, the H11A817A LED current increases, thus pulling
down the feedback voltage and reducing the duty cycle. This
event typically happens when the input voltage is increased
or the output load is decreased.
2.1 Pulse-by-pulse Current Limit: Because current mode
control is employed, the peak current through the Sense FET
is limited by the inverting input of the PWM comparator
(Vfb*) as shown in figure 5. Assuming that the 0.9mA
current source flows only through the internal resistor (2.5R
+R= 2.8 k
Ω), the cathode voltage of diode D2 is about 2.5V.
Since diode D1 is blocked when the feedback voltage (Vfb)
exceeds 2.5V, the maximum voltage of the cathode of D2 is
clamped at this voltage, thus clamping Vfb*. Therefore, the
peak value of the SenseFET current is limited.
2.2 Leading Edge Blanking (LEB) : At the instant the
internal Sense FET is turned on, there usually exists a high
current spike through the Sense FET, caused by primary-side
capacitance and secondary-side rectifier reverse recovery.
Excessive voltage across the Rsense resistor would lead to
incorrect feedback operation in the current mode PWM
control. To counter this effect, the FPS employs a leading
edge blanking (LEB) circuit. This circuit inhibits the PWM
comparator for a short time (TLEB) after the Sense FET is
turned on.
Figure 5. Pulse Width Modulation (PWM) Circuit
3. Protection Circuits : The FSES0765RG has several self
protective functions such as over load protection (OLP),
abnormal over current protection (AOCP), over voltage
protection (OVP) and thermal shutdown (TSD). Because
these protection circuits are fully integrated into the IC
without requiring external components, the reliability can be
improved without increasing cost. Once the fault condition
occurs, switching is terminated and the Sense FET remains
off. This causes Vcc to fall. When Vcc reaches the UVLO
stop voltage, 9V, the protection is reset and the internal high
voltage current source charges the Vcc capacitor via the Vstr
pin. When Vcc reaches the UVLO start voltage,12V, the FPS
resumes its normal operation. In this manner, the auto-restart
can alternately enable and disable the switching of the power
Sense FET until the fault condition is eliminated (see figure
6).
9V/12V
3
Vref
Internal
Bias
Vcc
6
Vstr
I
start
Vcc good
V
DC
C
Vcc
4
OSC
Vcc
Vref
I
delay
I
FB
V
SD
R
2.5R
Gate
driver
OLP
D1
D2
+
V
fb*
-
Vfb
KA431
C
B
Vo
H11A817A
R
sense
SenseFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com