Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSES0765RG Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSES0765RG
Description  Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSES0765RG Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSES0765RG Datasheet HTML 2Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 3Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 4Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 5Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 6Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 7Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 8Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 9Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
FSES0765RG
6
Electrical Characteristics (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed in design, are tested only in EDS (wafer test) process.
2. These parameters indicate the Inductor current.
3. These parameters apply to the current flowing into the control IC.
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit
Sync SECTION
Low Sync Threshold Voltage
VSL
Vcc=15V, VFB=5V
5.6
6
6.4
V
High Sync Threshold Voltage
VSH
6.5
7
7.5
V
Sync blanking time
TSYB
35
7
us
BURST MODE SECTION
Burst Mode Enable Feedback Voltage
VBFB
Vcc=8.5V
0.7
0.8
0.9
V
Burst Mode Peak Current Limit (1)
IBPK
Vcc=8.8V, VFB=0V
0.45
0.6
0.75
A
Switching Frequency in Burst Mode
FSB
Vcc=8.8V, VFB=0V
40
50
60
kHz
Vcc High Threshold Voltage in Burst Mode
VccH
8.6
9
9.4
V
Vcc Low Threshold Voltage in Burst Mode
VccL
8.1
8.5
8.9
V
SOFTSTART SECTION
Soft start Time (1)
TSS
VFB=4V
10
15
20
ms
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit (2)
ILIM
Vcc=15V, VFB=5V
3.52
4
4.48
A
TOTAL DEVICE SECTION
Startup Charging Current
ICH
VSTR=650V, Vcc=0V
1.2
1.5
1.8
mA
Operating Supply Current (3)
- In normal operation
- In burst mode
IOP
Vcc=15V, VFB=5V
-
3.5
6
mA
IOB
Vcc=8.7V, VFB=0V
-
1.5
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com