Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSES0765RG Datasheet(PDF) 15 Page - Fairchild Semiconductor

Part # FSES0765RG
Description  Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSES0765RG Datasheet(HTML) 15 Page - Fairchild Semiconductor

Back Button FSES0765RG Datasheet HTML 10Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 11Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 12Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 13Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 14Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 15Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 16Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 17Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 18Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
FSES0765RG
15
2. Transformer Schematic Diagram
3.Winding Specification
4.Electrical Characteristics
5. Core & Bobbin
Core : EER 3540
Bobbin : EER3540
Ae : 107 mm2
No
Pin (s
→f)
Wire
Turns
Winding Method
Np2
2 - 1
0.3φ
× 2
20
Center Winding
N80V
16 - 15
0.3φ
× 1
10
Center Winding
N6.5V
10 - 9
0.3φ
× 2
3
Center Winding
N-14V
9 - 11
0.3φ
× 1
5
Center Winding
N14V
12 - 9
0.3φ
× 2
6
Center Winding
N50V
14 - 13
0.3φ
× 3
22
Center Winding
Na
6 - 8
0.2φ
× 1
8
Center Winding
Np1
4 - 3
0.3φ
× 2
20
Center Winding
Pin
Specification
Remarks
Inductance
1 - 4
420uH ± 5%
1kHz, 1V
Leakage Inductance
1 - 4
5uH Max
2nd all short
EER3540
N
80V
7
8
9
10
11
12
13
14
15
N
50V
N
14V
N
-14V
N
6.5V
N
p1
N
a
1
2
3
4
5
6
16
N
p2
N
14V
N
-14V
N
6.5V
N
80V
N
p2
N
50V
N
a
N
p1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com