Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSES0765RG Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSES0765RG
Description  Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSES0765RG Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSES0765RG Datasheet HTML 1Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 2Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 3Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 4Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 5Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 6Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 7Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 8Page - Fairchild Semiconductor FSES0765RG Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
FSES0765RG
4
Absolute Maximum Ratings
(Ta=25
°C, unless otherwise specified)
Notes:
1. Repetitive rating: Pulse width limited by maximum junction temperature
2. Lm=21mH, Vdd=50V, Rg=25
Ω, starting Tj=25°C
3.
60Hz AC
Parameter
Symbol
Value
Unit
Drain Voltage
VDS
650
V
Vstr Voltage
Vstr
650
V
Drain Current Pulsed(1)
IDM
15
A
Continuous Drain Current (Tc = 25°C, with infinite heat sink)
ID
7A
Continuous Drain Current (Tc=100°C, with infinite heat sink)
ID
4.5
A
Single pulsed Avalanche Energy (2)
EAS
570
mJ
Supply Voltage
VCC
20
V
Analog Input Voltage Range
Vsync
-0.3 to 13
V
VFB
-0.3 to 10
V
Total Power Dissipation (Tc = 25°C , with infinite heat sink)
PD
145
W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
TA
-25 to +85
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Thermal Resistance
Rthjc
0.86
°C/W
Drain to PKG Breakdown Voltage (3)
BVpkg
3500
V
ESD Capability, HBM Model (All pins except Vstr and Vfb)
-
2.0
kV
ESD Capability, Machine Model (All pins except Vstr and Vfb)
-
300
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com