Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD1E-FU Datasheet(PDF) 4 Page - Cyntec Co., Ltd.

Part # VPN12AD1E-FU
Description  High Efficiency DC/DC Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD1E-FU Datasheet(HTML) 4 Page - Cyntec Co., Ltd.

  VPN12AD1E-FU Datasheet HTML 1Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 2Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 3Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 9Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev.P6
4
VPN12AD1E-FU
ELECTRICAL SPECIFICATIONS:
CAUTION: Do not operate at or near absolute maximum rating listed for extended periods of time. This stress may
adversely impact product reliability and result in failures outside of warranty.
NOTES:
1. Rth(jchoke-a) is measured with the component mounted on an effective thermal conductivity test board on 0 LFM
condition. The test board size is 75mm× 58mm× 1.6mm with 2 layers, 2 oz per layer. The test condition is complied
with JEDEC EIJ/JESD 51 Standards.
Parameter
Description
Min.
Typ.
Max.
Unit
Absolute Maximum Ratings
VIN to GND
-0.3
-
+45.0
V
EN to GND
-40
-
+45.0
V
FB to GND
-0.3
-
+5.5
V
FS to GND
-0.3
-
+5.5
V
COMP to GND
-0.3
-
+5.5
V
Tc
-
-
+135
°
C
Tj
-40
-
+150
°
C
Tstg
-40
-
+150
°
C
ESD Rating
Human Body Model (HBM)
-
-
2k
V
Charge Device Model (CDM)
-
-
500
V
Thermal Information
Rth(jchoke-a)
Thermal resistance from junction to
ambient.(Note1)
-
15.2
-
℃/W
Recommendation Operating Ratings
VIN
Input Supply Voltage
+9
-
+30
V
VOUT
Adjusted Output Voltage
+20.0
-
+45.0
V
Ta
Ambient Temperature
-40
-
+105
°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com