Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD1E-FU Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # VPN12AD1E-FU
Description  High Efficiency DC/DC Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD1E-FU Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  VPN12AD1E-FU Datasheet HTML 1Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 2Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 3Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 9Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.P6
1
High Efficiency
DC/DC Power Module
VPN12AD1E-FU BOOST 1.5A
FEATURES:
High Power Density Power Module
Maximum Load: 1.5A
Input Voltage Range from 5.5V to 30V
Output Voltage Range from 20V to 45V
95% Peak Efficiency
Protections (OTP, OVP Non-latching)
Input Voltage UVLO
Internal Soft Start
Switching Frequency, 350kHz
Small size (15.0mm x 15.0mm x 8mm)
Pb-free Available (RoHS compliant)
MSL 3, 260ºC Reflow
APPLICATIONS:
Automotive LED lighting
Instrument Cluster
ADAS, Infotainment, HUD
GENERAL DESCRIPTION:
The POL module is non-isolated dc-dc converter
that can deliver up to 1.5A of output current.
The PWM switching regulator, high frequency
power inductor are integrated in one hybrid
package. It only needs input/output capacitors
and two voltage dividing resistor to perform
properly.
Other features include remote enable function,
internal soft-start, and wettable flank packaging
available.
The low profile and compact size package
(15mm ×
15mm x 8mm) is suitable for
automated assembly by standard surface mount
equipment. The POL module is Pb-free and RoHS
compliance.
TYPICAL APPLICATION CIRCUIT & PACKAGE SIZE:
FIG.1 TYPICAL APPLICATION CIRCUIT
FIG.2 HIGH DENSITY POWER MODULE
15mm
15 mm
8mm
Max


Similar Part No. - VPN12AD1E-FU

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
VPN12AD02-FU CYNTEC-VPN12AD02-FU Datasheet
3Mb / 22P
Buck-Boost, High Efficiency POL Module
More results

Similar Description - VPN12AD1E-FU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8201M INTERSIL-ISL8201M Datasheet
886Kb / 16P
10A, High Efficiency DC/DC Module
July 16, 2009
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
Complete High Efficiency DC/DC Power Module
February 25, 2010
ISL8201MIRZ-T INTERSIL-ISL8201MIRZ-T Datasheet
887Kb / 16P
10A, High Efficiency DC/DC Module
October 21, 2010
logo
Linear Technology
LTM4602 LINER-LTM4602_15 Datasheet
337Kb / 24P
6A High Efficiency DC/DC Module
LTM4602HV LINER-LTM4602HV_15 Datasheet
334Kb / 24P
6A, 28VIN High Efficiency DC/DC Module
LTM4600 LINER-LTM4600_15 Datasheet
427Kb / 26P
10A High Efficiency DC/DC Module
LTM4605 LINER-LTM4605_15 Datasheet
312Kb / 26P
High Efficiency Buck-Boost DC/DC Module Regulator
LTM4600HV LINER-LTM4600HV_15 Datasheet
452Kb / 26P
10A, 28VIN High Efficiency DC/DC Module
logo
Renesas Technology Corp
ISL8201M RENESAS-ISL8201M Datasheet
1Mb / 16P
10A, High Efficiency DC/DC Module
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
Complete High Efficiency DC/DC Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com