Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD1E-FU Datasheet(PDF) 7 Page - Cyntec Co., Ltd.

Part # VPN12AD1E-FU
Description  High Efficiency DC/DC Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD1E-FU Datasheet(HTML) 7 Page - Cyntec Co., Ltd.

Back Button VPN12AD1E-FU Datasheet HTML 3Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 9Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 10Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 11Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev.P6
7
VPN12AD1E-FU
APPLICATIONS INFORMATION: (Cont.)
Selecting the Input Capacitor:
The input requires a capacitor to supply the AC ripple current to the inductor, while limiting noise at the
input source. Use a low-ESR capacitor with a value >6.8μF to minimize the Module noise. Ceramic
capacitors are preferred, low-ESR electrolytic capacitors can also suffice. However since it absorbs the
input switching current it requires an adequate ripple current rating. Use a capacitor with an RMS
current rating greater than the inductor ripple current.
To ensure stable operation, place the input capacitor as close to the Module as possible. As an
alternative, place a small, high-quality ceramic 0.1μF capacitor close to the Module and place the larger
capacitor further away. If using the latter technique, electrolytic type capacitors for the larger capacitor.
Place all ceramic capacitors close to the VPN12AD1E-FU.
Selecting the Output Capacitor:
The output capacitor maintains the DC output voltage. For best results, use low-ESR capacitors to
minimize the output voltage ripple. The output capacitor’s characteristics also affect regulatory control
system’s stability. For best results, use ceramic or low-ESR electrolytic capacitors. For ceramic
capacitors, the capacitance dominates the impedance at the switching frequency, and so the output
voltage ripple is mostly independent of the ESR. The min. output capacitance is estimated as below
formula, (Please also consider the bias voltage impacted the capacitance changing)
Where VRIPPLE is the output ripple voltage, VIN and VOUT are the DC input and output voltages,
respectively, ILOAD is the load current, fSW is the switching frequency, and COUT is the value of the
output capacitance.
Where RESR is the equivalent series resistance of the output capacitors.
Choose an output capacitor that satisfies the output ripple and load transient requirements of the
design. 6.8μF-to-22μF ceramic capacitance is suitable for most applications. (Please also consider the
bias voltage impacted the capacitance changing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com