Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD1E-FU Datasheet(PDF) 8 Page - Cyntec Co., Ltd.

Part # VPN12AD1E-FU
Description  High Efficiency DC/DC Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD1E-FU Datasheet(HTML) 8 Page - Cyntec Co., Ltd.

Back Button VPN12AD1E-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 9Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 10Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 11Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 12Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev.P6
8
VPN12AD1E-FU
APPLICATIONS INFORMATION: (Cont.)
PROGRAMMING OUTPUT VOLTAGE:
The module has an internal 2.47V reference voltage. The output voltage can be programmed by the
dividing resistor (RFBH and RFBL). The output voltage can be calculated by Equation 1, resistor choice
may be referred TABLE 1.
(EQ.1)
Vout
RFBH(Ohm)
RFBL (Ohm)
20V
15.2k
2.15k
30V
15.2k
1.37k
40V
15.2k
1k
TABLE 1 Resistor values for common output voltages
APPLICATIONS INFORMATION: (Cont.)
REFERENCE CIRCUIT FOR GENERAL APPLICATION:
Figure 39 show the module application schematics for input voltage +12V.
FIG.9 Reference Circuit for General Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com