Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD1E-FU Datasheet(PDF) 11 Page - Cyntec Co., Ltd.

Part # VPN12AD1E-FU
Description  High Efficiency DC/DC Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD1E-FU Datasheet(HTML) 11 Page - Cyntec Co., Ltd.

Back Button VPN12AD1E-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 9Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 10Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 11Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 12Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Rev.P6
11
VPN12AD1E-FU
PACKAGE OUTLINE DRAWING:
Unit: mm
General Tolerances:±0.2mm
Bottom View
PIN1
D
E
A
14.8
15
15.2
8.0
0.8
0.85
0.75
1.9
2.0
1.8
-
-
1.0
0.5
1.05
0.95
0.55
0.45
14.8
15
15.2
Top View
Side View
ZE
e
e
b1
Lp
b
Lp
ZE
b2
b2
8.0
8.05
7.95
PIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com