Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD1E-FU Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # VPN12AD1E-FU
Description  High Efficiency DC/DC Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD1E-FU Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  VPN12AD1E-FU Datasheet HTML 1Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 2Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 3Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 9Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev.P6
3
High Efficiency
DC/DC Power Module
VPN12AD1E-FU BOOST 1.5A
PIN DESCRIPTION:
Symbol
Pin No.
Description
GND
1~3,9~13,44~49,56~60
Ground;
Connect to system ground.
COMP
4
Compensation Input;
Connect R and C network to improve the stability of the
regulation loop.
NC
5
Not Connected;
EN
6
Enable;
Apply logic high signal to enable device.
FS
7
Frequency Select Input;
Connect to GND to set frequency, Define is 350kHz.
VIN
8,50~56
Supply Input Voltage;
Power input pin.
SW
14~26
Switch Output;
Switching node pin. Connect pins together at the PCB
for thermal performance.
VOUT
27~42
Output Voltage;
Power output pin.
FB
43
Feedback;
Feedback input. Connect an external resistor divider
from the output to GND to set the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com