Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM393LVDR Datasheet(PDF) 16 Page - Texas Instruments

Part # PLM393LVDR
Description  LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLM393LVDR Datasheet(HTML) 16 Page - Texas Instruments

Back Button PLM393LVDR Datasheet HTML 12Page - Texas Instruments PLM393LVDR Datasheet HTML 13Page - Texas Instruments PLM393LVDR Datasheet HTML 14Page - Texas Instruments PLM393LVDR Datasheet HTML 15Page - Texas Instruments PLM393LVDR Datasheet HTML 16Page - Texas Instruments PLM393LVDR Datasheet HTML 17Page - Texas Instruments PLM393LVDR Datasheet HTML 18Page - Texas Instruments PLM393LVDR Datasheet HTML 19Page - Texas Instruments PLM393LVDR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
C1
100 pF
+
±
R1
100 kŸ
VCC
R2
100 kŸ
OUT
VA
VC
t1
t2
0
V
+
R3
100 kŸ
R4
100 kŸ
RPU
10 kŸ
V
+
VTH+ = 2.2 V
VTH± = 1.1 V
VIN
OUT
16
LM393LV-Q1
SNOSDB3 – JUNE 2020
www.ti.com
Product Folder Links: LM393LV-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Applications (continued)
10.2.1.1 Design Requirements
For this design, follow these design requirements:
•
Alert (logic low output) when an input signal is less than 1.1 V
•
Alert (logic low output) when an input signal is greater than 2.2 V
•
Alert signal is active low
•
Operate from a 3.3-V power supply
10.2.1.2 Detailed Design Procedure
Configure the circuit as shown in Figure 8. Connect VCC to a 3.3-V power supply and VEE to ground. Make R1,
R2 and R3 each 10-MΩ resistors. These three resistors are used to create the positive and negative thresholds
for the window comparator (VTH+ and VTH–).
With each resistor being equal, VTH+ is 2.2 V and VTH- is 1.1 V. Large resistor values such as 10-MΩ are used to
minimize power consumption. The resistor values may be recalculated to provide the desired trip point values.
The sensor output voltage is applied to the inverting and noninverting inputs of the two comparators. Using two
open-drain output comparators allows the two comparator outputs to be Wire-OR'ed together.
The respective comparator outputs will be low when the sensor is less than 1.1 V or greater than 2.2 V. The
respective comparator outputs will be high when the sensor is in the range of 1.1 V to 2.2 V (within the
"window"), as shown in Figure 9.
10.2.1.3 Application Curve
Figure 9. Window Comparator Results
For more information, please see Application note SBOA221 "Window comparator circuit".
10.2.2 Square-Wave Oscillator
Square-wave oscillator can be used as low cost timing reference or system supervisory clock source.
Figure 10. Square-Wave Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com