Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM393LVDR Datasheet(PDF) 12 Page - Texas Instruments

Part # PLM393LVDR
Description  LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLM393LVDR Datasheet(HTML) 12 Page - Texas Instruments

Back Button PLM393LVDR Datasheet HTML 8Page - Texas Instruments PLM393LVDR Datasheet HTML 9Page - Texas Instruments PLM393LVDR Datasheet HTML 10Page - Texas Instruments PLM393LVDR Datasheet HTML 11Page - Texas Instruments PLM393LVDR Datasheet HTML 12Page - Texas Instruments PLM393LVDR Datasheet HTML 13Page - Texas Instruments PLM393LVDR Datasheet HTML 14Page - Texas Instruments PLM393LVDR Datasheet HTML 15Page - Texas Instruments PLM393LVDR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
20%
80%
20%
80%
VREF
VREF + 100mV
VREF 5 100mV
50%
50%
tpLH
tpHL
tF
tR
Input
Output
+
±
+
±
VREF
VIN
Output
VOL
VOH
V+
GND
VOD (+200mV)
VIN
VREF + 200mV
VREF - 200mV
VOD (-200mV)
12
LM393LV-Q1
SNOSDB3 – JUNE 2020
www.ti.com
Product Folder Links: LM393LV-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
10.1.1 Basic Comparator Definitions
10.1.1.1 Operation
The basic comparator compares the input voltage (VIN) on one input to a reference voltage (VREF) on the other
input. In the Figure 2 example below, if VIN is less than VREF, the output voltage (VO) is logic low (VOL). If VIN is
greater than VREF, the output voltage (VO) is at logic high (VOH). Table 1 summarizes the output conditions. The
output logic can be inverted by simply swapping the input pins.
Table 1. Output Conditions
Inputs Condition
Output
IN+ > IN-
HIGH (VOH)
IN+ = IN-
Indeterminate (chatters - see Hysteresis)
IN+ < IN-
LOW (VOL)
10.1.1.2 Propagation Delay
There is a delay between from when the input crosses the reference voltage and the output responds. This is
called the Propagation Delay. Propagation delay can be different between high-to low and low-to-high input
transitions. This is shown as tpLH and tpHL in Figure 2 and is measured from the mid-point of the input to the
midpoint of the output.
Figure 2. Comparator Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com