Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM393LVDR Datasheet(PDF) 13 Page - Texas Instruments

Part # PLM393LVDR
Description  LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLM393LVDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PLM393LVDR Datasheet HTML 9Page - Texas Instruments PLM393LVDR Datasheet HTML 10Page - Texas Instruments PLM393LVDR Datasheet HTML 11Page - Texas Instruments PLM393LVDR Datasheet HTML 12Page - Texas Instruments PLM393LVDR Datasheet HTML 13Page - Texas Instruments PLM393LVDR Datasheet HTML 14Page - Texas Instruments PLM393LVDR Datasheet HTML 15Page - Texas Instruments PLM393LVDR Datasheet HTML 16Page - Texas Instruments PLM393LVDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
R1
1 0Ÿ
+VCC
+5 V
VIN
R3
1 0Ÿ
+
±
R2
1 0Ÿ
VO
VA
RPU
10 NŸ
5 V
0 V
VA2
VA1
VO
1.67 V
3.33 V
VIN
VTH + VOS ± (VHYST / 2)
VTH + VOS + (VHYST / 2)
VTH + VOS
13
LM393LV-Q1
www.ti.com
SNOSDB3 – JUNE 2020
Product Folder Links: LM393LV-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
10.1.1.3 Overdrive Voltage
The overdrive voltage, VOD, is the amount of input voltage beyond the reference voltage (and not the total input
peak-to-peak voltage). The overdrive voltage is 100mV as shown in the Figure 2 example. The overdrive voltage
can influence the propagation delay (tp). The smaller the overdrive voltage, the longer the propagation delay,
particularly when <100mV. If the fastest speeds are desired, it is recommended to apply the highest amount of
overdrive possible.
The risetime (tr) and falltime (tf) is the time from the 20% and 80% points of the output waveform.
10.1.2 Hysteresis
The basic comparator configuration may oscillate or produce a noisy "chatter" output if the applied differential
input voltage is near the comparator's offset voltage. This usually occurs when the input signal is moving very
slowly across the switching threshold of the comparator.
This problem can be prevented by the addition of hysteresis or positive feedback.
The hysteresis transfer curve is shown in Figure 3. This curve is a function of three components: VTH, VOS, and
VHYST:
•
VTH is the actual set voltage or threshold trip voltage.
•
VOS is the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond to change output states.
•
VHYST is the hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise.
Figure 3. Hysteresis Transfer Curve
For more information, please see Application Note SBOA219 "Comparator with and without hysteresis circuit".
10.1.2.1 Inverting Comparator With Hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 4.
Figure 4. Inverting Configuration With Hysteresis
The equivalent resistor networks when the output is high and low are shown in Figure 4. Note that RPU should be
considered in series with R3 when the output is high. RPU should be at least 10x less than R3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com