Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM393LVDR Datasheet(PDF) 1 Page - Texas Instruments

Part # PLM393LVDR
Description  LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLM393LVDR Datasheet(HTML) 1 Page - Texas Instruments

  PLM393LVDR Datasheet HTML 1Page - Texas Instruments PLM393LVDR Datasheet HTML 2Page - Texas Instruments PLM393LVDR Datasheet HTML 3Page - Texas Instruments PLM393LVDR Datasheet HTML 4Page - Texas Instruments PLM393LVDR Datasheet HTML 5Page - Texas Instruments PLM393LVDR Datasheet HTML 6Page - Texas Instruments PLM393LVDR Datasheet HTML 7Page - Texas Instruments PLM393LVDR Datasheet HTML 8Page - Texas Instruments PLM393LVDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
OUT
+
-
IN+
IN-
Bias
Power-On-Reset
VCC
GND
SNAPBACK
ESD
CLAMPS
GND
GND
GND
Output
Control
GND
VCC
SUPPLY
CLAMP
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
LM393LV-Q1
SNOSDB3 – JUNE 2020
LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
1
1 Features
1
•
Qualified for automotive applications
•
AEC-Q100 qualified with the following results:
–
Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
–
Device HBM ESD classification level 2
–
Device CDM ESD classification level C5
•
1.65 V to 5.5 V Supply range
•
Rail-to-rail input
•
Precision input offset voltage 400 μV Typ
•
600ns Typ propagation delay
•
Low quiescent current 25 µA Typ
•
Low input bias current 1 pA Typ
•
Open-drain output
•
Full -40°C to +125°C temperature range
•
Power-On Reset (POR) for known start-up
•
2 kV ESD protection
•
Improved replacement for LM393-Q1 & LM339-Q1
family for VCC ≤ 5 V.
2 Applications
•
Vacuum robot
•
Single phase UPS
•
Server PSU
•
Cordless power tool
•
Wireless Infrastructure
•
Applicances
•
Building Automation
•
Factory automation & control
•
Motor drives
•
Infotainment & cluster
3 Description
The LV device family consists of two (LM393LV-Q1),
or
four
(LM339LV-Q1),
independent
voltage
comparators that are designed to operate from a wide
range of supply voltages. The LV devices can drop-in
replace the standard LM2xx, LM3xx and LM290x-Q1
comparator family in low voltage (
≤ 5 V) applications
for improved performance and added features.
The LV devices include a Power On Reset (POR)
feature that ensures the output is in a High-Z state
until the minimum supply voltage has been reached.
This prevents output transients during system power-
up and power-down.
These comparators also feature no output phase
inversion and inputs that can go up to 6V without
damage. This makes this family of comparators well
suited for precision voltage monitoring in harsh, noisy
environments.
The LV devices are specified for the temperature
range
of
-40°C
to
+125°C,
which
covers
the
temperature ranges of all the LM2xx, LM3xx and
LM290x-Q1 comparator families.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM393LV-Q1
(Dual)
SOIC (8)
3.91 mm × 4.90 mm
TSSOP (8)
3.00 mm × 4.40 mm
LM339LV-Q1
(Quad - Preview)
SOIC (14)
3.91 mm × 8.65 mm
TSSOP (14)
4.40 mm × 5.00 mm
WQFN (16)(2)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
(2) Package is for preview only.
Block Diagram


Similar Part No. - PLM393LVDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLM393LVQPWRQ1 TI-PLM393LVQPWRQ1 Datasheet
2Mb / 44P
LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
REVISED JULY 2021
PLM393LVQPWRQ1 TI-PLM393LVQPWRQ1 Datasheet
2Mb / 46P
LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
JANUARY 2022
PLM393LVQPWRQ1 TI-PLM393LVQPWRQ1 Datasheet
2Mb / 49P
LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
JANUARY 2022
More results

Similar Description - PLM393LVDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM393LV-Q1 TI-LM393LV-Q1_V01 Datasheet
1Mb / 34P
LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV-Q1 TI-LM393LV-Q1_V02 Datasheet
2Mb / 44P
LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
REVISED JULY 2021
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV-Q1 TI-LM393LV-Q1_V03 Datasheet
2Mb / 46P
LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
JANUARY 2022
LM393LV-Q1 TI-LM393LV-Q1_V04 Datasheet
2Mb / 49P
LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
JANUARY 2022
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V02 Datasheet
2Mb / 58P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com