Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM393LVDR Datasheet(PDF) 11 Page - Texas Instruments

Part # PLM393LVDR
Description  LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLM393LVDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PLM393LVDR Datasheet HTML 7Page - Texas Instruments PLM393LVDR Datasheet HTML 8Page - Texas Instruments PLM393LVDR Datasheet HTML 9Page - Texas Instruments PLM393LVDR Datasheet HTML 10Page - Texas Instruments PLM393LVDR Datasheet HTML 11Page - Texas Instruments PLM393LVDR Datasheet HTML 12Page - Texas Instruments PLM393LVDR Datasheet HTML 13Page - Texas Instruments PLM393LVDR Datasheet HTML 14Page - Texas Instruments PLM393LVDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
LM393LV-Q1
www.ti.com
SNOSDB3 – JUNE 2020
Product Folder Links: LM393LV-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Device Functional Modes (continued)
Even with the fault tolerant feature, TI strongly recommends keeping the inputs within the specified input voltage
range during normal system operation to maintain datasheet specifications. Operating outside the specified input
range can cause changes in specifications such as propagation delay and input bias current, which can lead to
unpredictable behavior.
9.4.3.3 Input Protection
The input bias current is typically 1 pA for input voltages between VCC and GND. The comparator inputs are
protected from reverse voltage by the internal ESD diodes connected to GND. As the input voltage goes under
GND, or above the input Absolute Maximum ratings the protection diodes become forward biased and begin to
conduct causing the input bias current to increase exponentially. Input bias current typically doubles for each
10°C temperature increase.
If the inputs are to be connected to a low impedance source, such as a power supply or buffered reference line,
TI recommends adding a current-limiting resistor in series with the input to limit any transient currents should the
clamps conduct. The current should be limited 10 mA or less. This series resistance can be part of any resistive
input dividers or networks.
9.4.4 ESD Protection
The LV family incorporates internal ESD protection circuits on all pins. The inputs, and the open-drain output, use
a proprietary "snapback" type ESD clamp from each pin to GND, which allows the pins to exceed the supply
voltage (VCC). While shown as Zener diodes, snapback "short" and go low impedance (like an SCR) when the
threshold is exceeded, as opposed to clamping to a defined voltage like a Zener.
The open-drain output protection also consists of a ESD clamp between the output and GND to allow the output
to be pulled above VCC to a maximum of 5.5V.
If the inputs are to be connected to a low impedance source, such as a power supply or buffered reference line,
TI recommends adding a current-limiting resistor in series with the input to limit any transient currents should the
clamps conduct. The current should be limited 10 mA or less. This series resistance can be part of any resistive
input dividers or networks.
TI does not specify the performance of the ESD clamps and external clamping should be added if the inputs or
output could exceed the maximum ratings as part of normal operation.
9.4.5 Unused Inputs
If a channel is not to be used, DO NOT tie the inputs together. Due to the high equivalent bandwidth and low
offset voltage, tying the inputs directly together can cause high frequency oscillations as the device triggers on
it's own internal wideband noise. Instead, the inputs should be tied to any available voltage that resides within the
specified input voltage range and provides a minimum of 50mV differential voltage. For example, one input can
be grounded and the other input connected to a reference voltage, or even VCC (as long as the input is directly
connected to the VCC pin to avoid transients).
9.4.6 Hysteresis
The LV family does not have internal hysteresis. Due to the wide effective bandwidth and low input offset
voltage, it is possible for the output to "chatter" (oscillate) when the absolute differential voltage near zero, as the
comparator triggers on it's own internal wideband noise. TI recommends that the user add external hysteresis if
slow moving signals are expected. See Hysteresis in the following section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com