Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM393LVDR Datasheet(PDF) 4 Page - Texas Instruments

Part # PLM393LVDR
Description  LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLM393LVDR Datasheet(HTML) 4 Page - Texas Instruments

  PLM393LVDR Datasheet HTML 1Page - Texas Instruments PLM393LVDR Datasheet HTML 2Page - Texas Instruments PLM393LVDR Datasheet HTML 3Page - Texas Instruments PLM393LVDR Datasheet HTML 4Page - Texas Instruments PLM393LVDR Datasheet HTML 5Page - Texas Instruments PLM393LVDR Datasheet HTML 6Page - Texas Instruments PLM393LVDR Datasheet HTML 7Page - Texas Instruments PLM393LVDR Datasheet HTML 8Page - Texas Instruments PLM393LVDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
1
VCC
12
GND
2
IN1±
11
IN4+
3
NC
10
NC
4
IN1+
9
IN4±
Not to scale
Thermal
Pad
1
2
3
4
5
6
7
IN1±
IN1+
IN2±
IN2+
VCC
OUT1
OUT2
IN4±
IN3+
IN3±
GND
OUT4
OUT3
IN4+
14
13
12
11
10
9
8
4
LM393LV-Q1
SNOSDB3 – JUNE 2020
www.ti.com
Product Folder Links: LM393LV-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
D, PW Package
14-Pin SOIC, TSSOP
Top View
RTE Package
16-Pad WQFN With Exposed Thermal Pad
Top View
NOTE: Connect exposed thermal pad
directly to GND pin.
(1)
Some manufacturers transpose the names of channels 1 & 2. Electrically the pinouts are identical, just a difference in channel naming
convention.
Pin Functions: LM339LV-Q1
PIN
I/O
DESCRIPTION
NAME(1)
SOIC
WQFN
OUT1
1
15
Output
Output pin of the comparator 1
OUT2
2
16
Output
Output pin of the comparator 2
VCC
3
1
—
Positive supply
IN2–
4
2
Input
Negative input pin of the comparator 2
IN2+
5
4
Input
Positive input pin of the comparator 2
IN1–
6
5
Input
Negative input pin of the comparator 1
IN1+
7
6
Input
Positive input pin of the comparator 1
IN3–
8
7
Input
Negative input pin of the comparator 3
IN3+
9
8
Input
Positive input pin of the comparator 3
IN4–
10
9
Input
Negative input pin of the comparator 4
IN4+
11
11
Input
Positive input pin of the comparator 4
GND
12
12
—
Negative (low) supply or ground (for single-supply operation)
OUT3
13
13
Output
Output pin of the comparator 4
OUT4
14
14
Output
Output pin of the comparator 3
NC
—
3
—
No Internal Connection - Leave floating or GND
NC
—
10
—
No Internal Connection - Leave floating or GND
Thermal Pad
—
PAD
—
Connect directly to GND pin
Quad pinouts provided for preview information only. Quad device is expected to have specifications
similar to the dual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com