Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO66 Datasheet(PDF) 21 Page - Microchip Technology

Part # GPIO66
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO66 Datasheet(HTML) 21 Page - Microchip Technology

Back Button GPIO66 Datasheet HTML 17Page - Microchip Technology GPIO66 Datasheet HTML 18Page - Microchip Technology GPIO66 Datasheet HTML 19Page - Microchip Technology GPIO66 Datasheet HTML 20Page - Microchip Technology GPIO66 Datasheet HTML 21Page - Microchip Technology GPIO66 Datasheet HTML 22Page - Microchip Technology GPIO66 Datasheet HTML 23Page - Microchip Technology GPIO66 Datasheet HTML 24Page - Microchip Technology GPIO66 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 21
USB5806
3.5.3
NON-REMOVABLE PORT CONFIGURATION (CFG_NON_REM)
The CFG_NON_REM configuration strap is used to configure the non-removable port settings of the device to one of
five settings. These modes are selected by the configuration of an external resistor on the CFG_NON_REM pin. The
resistor options are a 200 kΩ pull-down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, 10 Ω pull-down and 10 Ω pull-
up as shown in Table 3-12.
3.5.4
BATTERY CHARGING CONFIGURATION (CFG_BC_EN)
The CFG_BC_EN configuration strap is used to configure the battery charging port settings of the device to one of five
settings. These modes are selected by the configuration of an external resistor on the CFG_BC_EN pin. The resistor
options are a 200 kΩ pull-down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, 10 Ω pull-down and 10 Ω pull-up as
shown in Table 3-13.
3.5.5
GENERAL PURPOSE INPUT/OUTPUT CONFIGURATION (GPIOx)
General Purpose Inputs/Outputs may be used for application specific purposes. Any given GPIO may operate as an
input or an output. Inputs can apply an internal 50k
pull-down or pull-up resistor. Outputs may drive low or drive high
(3.3V). GPIOs may be configured and manipulated during runtime (while enumerated to a host) in one of two ways:
• SMBus configuration
• USB to GPIO bridging
3.5.5.1
SMBus configuration
The SMBus slave interface may be used to write to internal registers that configure the state of the GPIO. Refer to the
“Configuration Options for Microchip USB58xx and USB59xx Hubs” application note for additional details.
3.5.5.2
USB to GPIO Bridging
USB to GPIO Bridging may be used to write to internal registers that configure the state of the GPIO. USB to GPIO
bridging operates via host communication to the hub’s internal Hub Feature Controller. Refer to the “USB to GPIO Bridg-
ing for Microchip USB3.1 Gen 1 Hubs” application note for additional details.
Note:
Both PRT_DIS_Px and PRT_DIS_Mx (where x is the corresponding port) must be tied to 3.3 V to disable
the associated downstream port. Disabling the USB 2.0 port will also disable the corresponding USB 3.1
Gen 1 port.
TABLE 3-12:
CFG_NON_REM RESISTOR ENCODING
CFG_NON_REM Resistor Value
Setting
200 kΩ Pull-Down
All ports removable
200 kΩ Pull-Up
Port 1 non-removable
10 kΩ Pull-Down
Port 1, 2 non-removable
10 kΩ Pull-Up
Port 1, 2, 3, non-removable
10 Ω Pull-Down
Port 1, 2, 3, 4 non-removable
10 Ω Pull-Up
Port 1, 2, 3, 4, 5, 6 non-removable
TABLE 3-13:
CFG_BC_EN RESISTOR ENCODING
CFG_BC_EN Resistor Value
Setting
200 kΩ Pull-Down
No battery charging
200 kΩ Pull-Up
Port 1 battery charging
10 kΩ Pull-Down
Port 1, 2 battery charging
10 kΩ Pull-Up
Port 1, 2, 3, battery charging
10 Ω Pull-Down
Port 1, 2, 3, 4 battery charging
10 Ω Pull-Up
Port 1, 2, 3, 4, 5, 6 battery charging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com