Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO66 Datasheet(PDF) 35 Page - Microchip Technology

Part # GPIO66
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO66 Datasheet(HTML) 35 Page - Microchip Technology

Back Button GPIO66 Datasheet HTML 31Page - Microchip Technology GPIO66 Datasheet HTML 32Page - Microchip Technology GPIO66 Datasheet HTML 33Page - Microchip Technology GPIO66 Datasheet HTML 34Page - Microchip Technology GPIO66 Datasheet HTML 35Page - Microchip Technology GPIO66 Datasheet HTML 36Page - Microchip Technology GPIO66 Datasheet HTML 37Page - Microchip Technology GPIO66 Datasheet HTML 38Page - Microchip Technology GPIO66 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 35
USB5806
8.7.2.3
Port Power Control with Single Poly Fuse and Multiple Loads
Many customers use a single poly fuse to power all their devices. For the ganged situation, all power control pins must
be tied together.
8.7.3
PORT CONTROLLER CONNECTION EXAMPLE
FIGURE 8-8:
PORT POWER CONTROL WITH GANGED CONTROL WITH POLY FUSE
FIGURE 8-9:
GENERIC PORT POWER CONTROLLERS
Note:
The CFG_BC_EN configuration strap must be properly configured to enable battery charging on the appro-
priate ports. For more information on the CFG_BC_EN configuration strap, refer to Section 3.5.4, Battery
Charging Configuration (CFG_BC_EN).
Pull-Up Enable
USB
Device
Poly Fuse
5V
Pull-Up Enable
Pull-Up Enable
50k
50k
50k
PRTPWR
OCS
USB
Device
USB
Device
PRT_CTLx
PRT_CTLy
PRT_CTLz
Generic Port
Power Controller
Port x
Connector
Generic Port
Power Controller
POWER
(High Current)
(BC Enabled)
OCS
D+
D
-
VBUS
D+
D-
Port y
Connector
POWER
(BC Enabled)
OCS
D+
D
-
VBUS
D+
D-
PRT_CTLy
PRT_CTLx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com