Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO66 Datasheet(PDF) 29 Page - Microchip Technology

Part # GPIO66
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO66 Datasheet(HTML) 29 Page - Microchip Technology

Back Button GPIO66 Datasheet HTML 25Page - Microchip Technology GPIO66 Datasheet HTML 26Page - Microchip Technology GPIO66 Datasheet HTML 27Page - Microchip Technology GPIO66 Datasheet HTML 28Page - Microchip Technology GPIO66 Datasheet HTML 29Page - Microchip Technology GPIO66 Datasheet HTML 30Page - Microchip Technology GPIO66 Datasheet HTML 31Page - Microchip Technology GPIO66 Datasheet HTML 32Page - Microchip Technology GPIO66 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 29
USB5806
8.2
Battery Charging
The device can be configured by an OEM to have any of the downstream ports support battery charging. The hub’s role
in battery charging is to provide acknowledgment to a device’s query as to whether the hub system supports USB battery
charging. The hub silicon does not provide any current or power FETs or any additional circuitry to actually charge the
device. Those components must be provided externally by the OEM.
If the OEM provides an external supply capable of supplying current per the battery charging specification, the hub can
be configured to indicate the presence of such a supply from the device. This indication, via the PRT_CTL[6:1] pins, is
on a per port basis. For example, the OEM can configure two ports to support battery charging through high current
power FETs and leave the other two ports as standard USB ports.
For additional information, refer to the Microchip USB5806 Battery Charging application note on the Microchip.com
USB5806 product page www.microchip.com/USB5806.
FIGURE 8-2:
UFP TYPE-C PORT WITH MICROCHIP UTC2000 & EXTERNAL MUX
FIGURE 8-3:
BATTERY CHARGING EXTERNAL POWER SUPPLY
UTC2000
UFP Mode
USB Type-C
External Mux
Upstream Port
VBUS
SSTXA+
SSTXA-
SSRXA+
SSRXA-
SSTXB+
SSTXB-
SSRXB+
SSRXB-
D+
D-
CC1
CC2
CC1
CC2
CONNECTED#
MUX
VBUS_DET
SSTX+
SSTX-
SSRX+
SSRX-
D+
D-
C_ATTACH0
SSTXA+
SSTXA-
SSRXA+
SSRXA-
SSTXB+
SSTXB-
SSRXB+
SSRXB-
SSTX+
SSTX-
SSRX+
SSRX-
USB Type-C
3.3V
PLUG_
ORIENTATION#
A/B
SOC
VBUS[n]
INT
SCL
SDA
Microchip
Hub
DC Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com