Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO66 Datasheet(PDF) 38 Page - Microchip Technology

Part # GPIO66
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO66 Datasheet(HTML) 38 Page - Microchip Technology

Back Button GPIO66 Datasheet HTML 34Page - Microchip Technology GPIO66 Datasheet HTML 35Page - Microchip Technology GPIO66 Datasheet HTML 36Page - Microchip Technology GPIO66 Datasheet HTML 37Page - Microchip Technology GPIO66 Datasheet HTML 38Page - Microchip Technology GPIO66 Datasheet HTML 39Page - Microchip Technology GPIO66 Datasheet HTML 40Page - Microchip Technology GPIO66 Datasheet HTML 41Page - Microchip Technology GPIO66 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
USB5806
DS00002236D-page 38
 2016-2018 Microchip Technology Inc.
A valid USB 3.1 Gen 1 link is qualified by the LTSSM_STATE register status for the port. A normal Link will actively
switch through many Link states.
If the hub detects that the Link is staying in one of the following Link states the entire duration of the timeout timer, then
the Link is stuck in an invalid state and PRTPWRx_USB3_SPLIT will be toggled in order to attempt to re-establish the
Link.
• SIS.Disabled(0x4)
• Rx.Detect(0x5)
• SS.Inactive(0x6)
• Polling(0x7)
• Recovery(0x8)
• HotReset (0x9)
The Link Timeout Reset value is configured via register 0x4171 and can be overridden by OTP. The default value is
0x05, which selects a Timeout value of 1 second. Setting the register to 0x00 will disable the Link Timeout Reset feature.
The duration of the Link reset (time which PRTPWRx_USB3_SPLIT signal stays low) can be configured in register
0x4176. The default duration is 400ms with a configurable range of 350ms to 2.9s.
8.9
USB Billboard Device Class Support
TABLE 8-7:
USB 3.X PORT SPLIT LINK TIMEOUT REGISTER
USB3_PORT_SPLIT_TIMEOUT
(0X4171 - RESET=0X05)
USB 3.X PORT SPLIT LINK TIMEOUT REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:3]
Reserved
R/W
Always read ‘0’
[2:0]
PORT_SPLIT_TIMEOUT[
2:0]
R/W
Global USB Port Splitting Link Timeout Value
If Port Splitting is enabled on a port and there is no valid USB 3.x
Link for the configured amount of time, then the associated
“PRTPWRx_USB3_SPLIT” pin will be toggled in an attempt to reset
the embedded USB 3.x device and re-establish the USB 3.x Link.
The timer is always reset and restarted whenever the timeout
occurs.
000b - No Timeout, never toggle PRTPWRx_USB3_SPLIT
001b - 100ms
010b - 250ms
011b - 500ms
100b - 750ms
101b - 1 second
110b - 2 second
111b - Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com