Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO66 Datasheet(PDF) 48 Page - Microchip Technology

Part # GPIO66
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO66 Datasheet(HTML) 48 Page - Microchip Technology

Back Button GPIO66 Datasheet HTML 44Page - Microchip Technology GPIO66 Datasheet HTML 45Page - Microchip Technology GPIO66 Datasheet HTML 46Page - Microchip Technology GPIO66 Datasheet HTML 47Page - Microchip Technology GPIO66 Datasheet HTML 48Page - Microchip Technology GPIO66 Datasheet HTML 49Page - Microchip Technology GPIO66 Datasheet HTML 50Page - Microchip Technology GPIO66 Datasheet HTML 51Page - Microchip Technology GPIO66 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
USB5806
DS00002236D-page 48
 2016-2018 Microchip Technology Inc.
9.6.2
POWER-ON AND CONFIGURATION STRAP TIMING
Figure 9-3 illustrates the configuration strap valid timing requirements in relation to power-on, for applications where
RESET_N is not used at power-on. In order for valid configuration strap values to be read at power-on, the following
timing requirements must be met. The operational levels (Vopp) for the external power supplies are detailed in
Section 9.2, Operating Conditions**.
Device configuration straps are also latched as a result of RESET_N assertion. Refer to Section 9.6.3, Reset and Con-
figuration Strap Timing for additional details.
9.6.3
RESET AND CONFIGURATION STRAP TIMING
Figure 9-4 illustrates the RESET_N pin timing requirements and its relation to the configuration strap pins. Assertion of
RESET_N is not a requirement. However, if used, it must be asserted for the minimum period specified. Refer to
Section 8.4, Resets for additional information on resets. Refer to Section 3.5, Configuration Straps and Programmable
Functions for additional information on configuration straps.
FIGURE 9-3:
POWER-ON CONFIGURATION STRAP VALID TIMING
TABLE 9-6:
POWER-ON CONFIGURATION STRAP LATCHING TIMING
Symbol
Description
Min
Typ
Max
Units
tcsh
Configuration strap hold after external power supplies at opera-
tional levels
1ms
FIGURE 9-4:
RESET_N CONFIGURATION STRAP TIMING
TABLE 9-7:
RESET_N CONFIGURATION STRAP TIMING
Symbol
Description
Min
Typ
Max
Units
trstia
RESET_N input assertion time
5
s
tcsh
Configuration strap pins hold after RESET_N deassertion
1
ms
Note:
The clock input must be stable prior to RESET_N deassertion.
Configuration strap latching and output drive timings shown assume that the Power-On reset has finished
first otherwise the timings in Section 9.6.2, Power-On and Configuration Strap Timing apply.
All External
Power Supplies
Vopp
Configuration
Straps
RESET_N
Configuration
Straps
trstia
tcsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com