Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO66 Datasheet(PDF) 46 Page - Microchip Technology

Part # GPIO66
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO66 Datasheet(HTML) 46 Page - Microchip Technology

Back Button GPIO66 Datasheet HTML 42Page - Microchip Technology GPIO66 Datasheet HTML 43Page - Microchip Technology GPIO66 Datasheet HTML 44Page - Microchip Technology GPIO66 Datasheet HTML 45Page - Microchip Technology GPIO66 Datasheet HTML 46Page - Microchip Technology GPIO66 Datasheet HTML 47Page - Microchip Technology GPIO66 Datasheet HTML 48Page - Microchip Technology GPIO66 Datasheet HTML 49Page - Microchip Technology GPIO66 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
USB5806
DS00002236D-page 46
 2016-2018 Microchip Technology Inc.
9.4
Power Consumption
The values shown below represent typical power consumption as measured during various modes of operation. Power
dissipation is determined by temperature, supply voltage, and external source/sink requirements.
The following measurements were taken with VDD33 equal to 3.3V, VDD12 equal to 1.2V, at an ambient temperature
of 25°C.
Note:
Actual power consumption will vary depending on the capabilities of the USB host, the devices connected,
data type, and data bus utilization. The published data represents typical power consumption of the hub at
nominal ambient temperature and supply voltage while large file transfers are active between USB host and
USB Mass Storage class devices on all downstream ports.
Typical power consumption for specific use cases can be estimated using the formulas below:
IVDD33(mA) = 35 + (NPORTSFS)(1)* +(NPORTSHS)(10) + (NPORTSSS)(7)
IVDD12(mA) = 245+ (NPORTSFS)(0.1)* +(NPORTSHS)(2) + (NPORTSSS)(109)
PTOTAL(mW) = 409.5+ (NPORTSFS)(3.42)* +(NPORTSHS)(35.4) + (NPORTSSS)(153.9)
9.5
DC Specifications
Note:
A USB 3.x hub operates both the USB 3.x and USB 2.0 interfaces in parallel on it’s upstream port connec-
tion. A port operating under the SS/HS condition indicates that a USB 3.x hub was connected to it.
TABLE 9-3:
DEVICE POWER CONSUMPTION
Typical (mA)
Typical Power
VDD33
VDD12
(mW)
Reset
0.5
27.5
28
No VBUS
0.7
21.5
28
Global Suspend
7.5
24.5
32
6 FS Ports
41
245.6
430
6 HS Ports
95
257
622
6 SS Ports
77
899
1333
6 SS/HS Ports
137
911
1545
TABLE 9-4:
I/O DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typical
Max
Units
Notes
I Type Input Buffer
Low Input Level
High Input Level
VIL
VIH
2.1
0.9
V
V
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
(VIHT - VILT)
VIL
VIH
VHYS
1.9
920
0.9
40
V
V
mV
O6 Type Output Buffer
Low Output Level
High Output Level
VOL
VOH
VDD33-0.4
0.4
V
V
IOL = 6 mA
IOH = -6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com