Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO4 Datasheet(PDF) 26 Page - Microchip Technology

Part # GPIO4
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO4 Datasheet(HTML) 26 Page - Microchip Technology

Back Button GPIO4 Datasheet HTML 22Page - Microchip Technology GPIO4 Datasheet HTML 23Page - Microchip Technology GPIO4 Datasheet HTML 24Page - Microchip Technology GPIO4 Datasheet HTML 25Page - Microchip Technology GPIO4 Datasheet HTML 26Page - Microchip Technology GPIO4 Datasheet HTML 27Page - Microchip Technology GPIO4 Datasheet HTML 28Page - Microchip Technology GPIO4 Datasheet HTML 29Page - Microchip Technology GPIO4 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
USB5806
DS00002236D-page 26
 2016-2018 Microchip Technology Inc.
6.0
DEVICE CONFIGURATION
The device supports a large number of features (some mutually exclusive), and must be configured in order to correctly
function when attached to a USB host controller. The hub can be configured either internally or externally depending on
the implemented interface.
Microchip provides a comprehensive software programming tool, Pro-Touch2, for configuring the USB5806 functions,
registers and OTP memory. All configuration is to be performed via the Pro-Touch2 programming tool. For additional
information on the Pro-Touch2 programming tool, refer to Software Libraries within Microchip USB5806 product page
at www.microchip.com/USB5806.
6.1
Customer Accessible Functions
The following functions are available to the customer via the Pro-Touch2 Programming Tool.
6.1.1
USB ACCESSIBLE FUNCTIONS
6.1.1.1
I2C Bridging Access over USB
Access to I2C devices is performed as a pass-through operation from the USB Host. The device firmware has no knowl-
edge of the operation of the attached I2C device. For more information, refer to the Microchip USB5806 product page
and Pro-Touch2 at www.microchip.com/USB5806.
6.1.1.2
SPI Access over USB
Access to an attached SPI device is performed as a pass-through operation from the USB Host. The device firmware
has no knowledge of the operation of the attached SPI device. For more information, refer to the Microchip USB5806
product page and SDK at www.microchip.com/USB5806.
6.1.1.3
OTP Access
The OTP ROM in the device is accessible via the USB bus during normal runtime operation or SMBus during the
SOC_CFG stage. For more information, refer to the Microchip USB5806product page or the Pro-Touch2 User’s Guide.
6.1.1.4
Battery Charging Access over USB
The Battery charging behavior of the device can be dynamically changed by the USB Host when something other than
the preprogrammed or OTP programmed behavior is desired. For more information, refer to the Microchip
USB5806product page or the Pro-Touch2 User’s Guide.
6.1.2
SMBUS ACCESSIBLE FUNCTIONS
OTP access and configuration of specific device functions are possible via the USB5806 SMBus slave interface. All OTP
parameters can be modified via the SMBus Host. For more information refer to the Microchip USB5806 product page.
Note:
Device configuration straps and programmable pins are detailed in Section 3.5, Configuration Straps and
Programmable Functions.
Refer to Section 7.0, Device Interfaces for detailed information on each device interface.
Note:
For additional programming details, refer to the Pro-Touch2 programming tool User’s Guide.
Note:
Refer to Section 7.3, I2C Bridge Interface for additional information on the I2C interface.
Note:
Refer to Section 7.1, SPI Master Interface for additional information on the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com