Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO4 Datasheet(PDF) 13 Page - Microchip Technology

Part # GPIO4
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO4 Datasheet(HTML) 13 Page - Microchip Technology

Back Button GPIO4 Datasheet HTML 9Page - Microchip Technology GPIO4 Datasheet HTML 10Page - Microchip Technology GPIO4 Datasheet HTML 11Page - Microchip Technology GPIO4 Datasheet HTML 12Page - Microchip Technology GPIO4 Datasheet HTML 13Page - Microchip Technology GPIO4 Datasheet HTML 14Page - Microchip Technology GPIO4 Datasheet HTML 15Page - Microchip Technology GPIO4 Datasheet HTML 16Page - Microchip Technology GPIO4 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 13
USB5806
Port 2
Power Enable /
Overcurrent
Sense
PRT_CTL2
I/OD12
(PU)
Port 2 Power Enable / Overcurrent Sense.
When the downstream port is enabled, this pin is set as
an input with an internal pull-up resistor applied. The
internal pull-up enables power to the downstream port
while the pin monitors for an active low overcurrent signal
assertion from an external current monitor on USB port 2.
This pin will change to an output and be driven low when
the port is disabled by configuration or by the host con-
trol.
Port 1
Power Enable /
Overcurrent
Sense
PRT_CTL1
I/OD12
(PU)
Port 1 Power Enable / Overcurrent Sense.
When the downstream port is enabled, this pin is set as
an input with an internal pull-up resistor applied. The
internal pull-up enables power to the downstream port
while the pin monitors for an active low overcurrent signal
assertion from an external current monitor on USB port 1.
This pin will change to an output and be driven low when
the port is disabled by configuration or by the host con-
trol.
Gang Power
GANG_PWR
I
GANG_PWR becomes the port control (PRTCTL) pin for
all downstream ports when the hub is configured for
ganged port power control mode. All port power control-
lers should be controlled from this pin when the hub is
configured for ganged port power mode.
FlexConnect
Control
FLEX_CMD
I
FlexConnect control input.
When low, the hub will operate in its default state. Port 0
is the upstream port and port 1 is a downstream port.
When high, the hub will operate in its flexed state. Port 0
is a downstream port and port 1 is an upstream port.
FlexConnect
Indicator
FLEX_STATE
O12
FlexConnect indicator output. Reflects the current state
of FlexConnect.
0 = Hub is in default mode of operation
1 = Hub is in flexed mode of operation.
TABLE 3-4:
PORT CONTROL PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com